전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM6702-27HB 데이터시트(PDF) 7 Page - Nippon Precision Circuits Inc

부품명 SM6702-27HB
상세설명  PFM Step-up DC/DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6702-27HB 데이터시트(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM6702-27HB Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6702-27HB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6702-27HB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6702-27HB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6702-27HB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6702-27HB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6702-27HB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6702-27HB Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6702-27HB Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SM6702 series
NIPPON PRECISION CIRCUITS—7
BASIC CHARACTERISTICS
SM6702-30HA (Vout : 3.0V)
Output voltage vs. Output current
Efficiency vs. Output current
Ripple voltage vs. Output current
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
30
Output Current Iout[mA]
L=330
µH, C=22µF
Vin=1.2V
Vin=1.5V
Vin=0.9V
85
95
100
0
5
10
15
20
25
30
90
80
75
70
65
60
55
50
Output Current Iout[mA]
L=330
µH, C=22µF
Vin=1.5V
Vin=1.2V
Vin=0.9V
200
0
1020
30405060
175
150
125
100
75
50
25
0
Output Current Iout[mA]
L=330
µH, C=22µF
Vin=1.5V
Vin=1.2V
Vin=0.9V
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
30
Output Current Iout[mA]
L=470
µH, C=22µF
Vin=1.2V
Vin=1.5V
Vin=0.9V
0
5
10
15
20
25
30
85
95
100
90
80
75
70
65
60
55
50
Output Current Iout[mA]
L=470
µH, C=22µF
Vin=1.2V
Vin=1.5V
Vin=0.9V


유사한 부품 번호 - SM6702-27HB

제조업체부품명데이터시트상세설명
logo
M.S. Kennedy Corporatio...
SM6701 MSK-SM6701 Datasheet
96Kb / 1P
   Linear LED Driver With Adjustable Current Up to 180mA
logo
SamHop Microelectronics...
SM6701 SAMHOP-SM6701 Datasheet
96Kb / 1P
   Linear LED Driver With Adjustable Current Up to 180mA
logo
M.S. Kennedy Corporatio...
SM6704 MSK-SM6704 Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
logo
SamHop Microelectronics...
SM6704 SAMHOP-SM6704 Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
logo
M.S. Kennedy Corporatio...
SM6704A MSK-SM6704A Datasheet
86Kb / 1P
   4-Channel Constant Current LED Driver
More results

유사한 설명 - SM6702-27HB

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
   PFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
   STEP-UP PFM DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
   PFM Step-up DC/DC Converter
HT7727A HOLTEK-HT7727A_12 Datasheet
588Kb / 14P
   PFM Step-up DC/DC Converter
HT77XXA HOLTEK-HT77XXA Datasheet
370Kb / 18P
   PFM Step-up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2821 KEXIN-RCR2821 Datasheet
323Kb / 5P
   PFM Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX_07 Datasheet
507Kb / 19P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
CYT2606L ETC2-CYT2606L Datasheet
473Kb / 8P
   PFM Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com