전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM8141 데이터시트(PDF) 5 Page - Nippon Precision Circuits Inc

부품명 SM8141
상세설명  EL Sheet Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NPC [Nippon Precision Circuits Inc]
홈페이지  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8141 데이터시트(HTML) 5 Page - Nippon Precision Circuits Inc

  SM8141 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8141 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8141 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8141 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8141 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8141 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8141 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8141 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SM8141
NIPPON PRECISION CIRCUITS—5
DC Characteristics
Ta = 25 °C, VSS = 0 V, VDD = 3.0 V unless otherwise noted
P arameter
V er.
Symbol
Condition
Rating
Unit
min
typ
m a x
Supply voltage
A / B
V DD
2.0
3.0
5.5
V
CHV output voltage
A / B
V CHV
0.5
1 0 0
V
OUT1, OUT2 HIGH-level output voltage
A / B
V OUTH
100
V
OUT1, OUT2 LOW -level output voltage
A / B
V OUTL
0.5
V
LDR output resistance
A / B
R LDR
ILDR = 50 mA
8.0
12.0
OCE oscillator frequency
A
fOCE1
R OCE = 200 kΩ
205
256
307
kHz
OCE oscillator frequency range
fOCE2
32
1024
OCL oscillator frequency
A
fOCL1
R OCL = 200 kΩ
205
256
307
kHz
OCL oscillator frequency range
fOCL2
32
1024
OSC oscillator frequency
B
fOSC1
R OSC = 200 kΩ
205
256
307
kHz
OSC oscillator frequency range
fOSC2
32
1024
OUT1, OUT2 output frequency
A / B
fOUT1
R OCE /ROSC = 200 kΩ
200
250
300
Hz
OUT1, OUT2 output frequency range
fOUT2
31
1000
LDR inductance driver frequency
A / B
fLDR1
R OCL /ROSC = 200 kΩ
51
64
77
kHz
LDR inductance driver frequency range
fLDR2
8
256
ENA HIGH-level input voltage
B
V ENAH
ENA = “H”, V DD = 2.0 to 5.5V
V DD − 0.5
V DD + 0.3
V
ENA LO W -level input voltage
V ENAL
ENA = “L”, V DD = 2.0 to 5.5V
V SS − 0.3
V SS + 0.5
ENA input current
B
IENAH
V ENAH = 3.0V, V DD = 3.0V
2.0
4.0
6.0
µA
Operating current
A / B
IDD1
Excluding coil current
1
m A
Stand-by current
B
ISTB
ENA = “L”
1
µA
ENA r ise time
B
tENA
V ENAL → V ENAH
100
m s
Rise time
tENA
VSS
VDD
VDD
0.5
VSS
0.5
+


유사한 부품 번호 - SM8141

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM8140A NPC-SM8140A Datasheet
66Kb / 6P
   EL Driver IC
SM8140AM NPC-SM8140AM Datasheet
66Kb / 6P
   EL Driver IC
SM8142 NPC-SM8142 Datasheet
102Kb / 8P
   EL Sheet Driver
SM8142AD NPC-SM8142AD Datasheet
102Kb / 8P
   EL Sheet Driver
SM8142AV NPC-SM8142AV Datasheet
102Kb / 8P
   EL Sheet Driver
More results

유사한 설명 - SM8141

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM8143A NPC-SM8143A Datasheet
75Kb / 6P
   EL Sheet Driver
SM8142 NPC-SM8142 Datasheet
102Kb / 8P
   EL Sheet Driver
SM8144B NPC-SM8144B Datasheet
69Kb / 6P
   EL Sheet Driver
SM8143A NPC-SM8143A_06 Datasheet
115Kb / 8P
   EL Driver
SM8145A NPC-SM8145A Datasheet
112Kb / 7P
   Dual EL Driver
SM8140A NPC-SM8140A Datasheet
66Kb / 6P
   EL Driver IC
logo
Supertex, Inc
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
   EL Lamp Driver
logo
Nippon Precision Circui...
SM8146AD1 NPC-SM8146AD1 Datasheet
304Kb / 19P
   EL Driver IC
logo
Supertex, Inc
HV833DB1 SUTEX-HV833DB1 Datasheet
38Kb / 2P
   EL Lamp Driver
logo
TOKO, Inc
TK6592X TOKO-TK6592X Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com