전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB2332-H 데이터시트(PDF) 2 Page - AUK corp

부품명 SB2332-H
상세설명  High Brightness Chip LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AUK [AUK corp]
홈페이지  https:www.auk.co.kr
Logo AUK - AUK corp

SB2332-H 데이터시트(HTML) 2 Page - AUK corp

  SB2332-H Datasheet HTML 1Page - AUK corp SB2332-H Datasheet HTML 2Page - AUK corp SB2332-H Datasheet HTML 3Page - AUK corp SB2332-H Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KLB-3001-000
2
SB2332-H
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Power Dissipation
PD
100
mW
Forward Current
IF
25
mA
*1Peak Forward Current
IFP
50
mA
Reverse Voltage
VR
4
V
Operating Temperature
Topr
-20∼80
°C
Storage Temperature
Tstg
-25∼85
°C
Soldering Temperature
(Reflow soldering)
Tsol
240°C for 3 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2. Recommended soldering Temperature Profile
2-1) Preheating 100℃ to 150℃ within 2 minutes Soldering 240℃ within 5 seconds
Gradual cooling (Avoid quenching)
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF= 20mA
-
3.4
4.0
V
Luminous Intensity
IV
IF= 20mA
-
45
-
mcd
Peak Wavelength
λP
IF= 20mA
-
470
-
nm
Spectrum Bandwidth
λ
IF= 20mA
-
26
-
nm
Reverse Current
IR
VR=4V
-
-
10
uA
*3Half Angle
θ1/2
IF= 20mA
-
±60
-
deg
*3.
θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity


유사한 부품 번호 - SB2332-H

제조업체부품명데이터시트상세설명
logo
AUK corp
SB2335-G AUK-SB2335-G Datasheet
266Kb / 4P
   High Brightness Chip LED Lamp
SB2336E-G AUK-SB2336E-G Datasheet
230Kb / 5P
   High Brightness Chip LED
logo
KODENSHI_AUK CORP.
SB2336E-G KODENSHI-SB2336E-G Datasheet
209Kb / 5P
   SMD LED
More results

유사한 설명 - SB2332-H

제조업체부품명데이터시트상세설명
logo
AUK corp
SB2335-G AUK-SB2335-G Datasheet
266Kb / 4P
   High Brightness Chip LED Lamp
SY2332 AUK-SY2332 Datasheet
216Kb / 4P
   High Brightness Chip LED Lamp
SR1316-V AUK-SR1316-V Datasheet
293Kb / 4P
   High Brightness Chip LED Lamp
SR1316-H AUK-SR1316-H Datasheet
294Kb / 4P
   High Brightness Chip LED Lamp
SR2332-U AUK-SR2332-U Datasheet
224Kb / 4P
   High Brightness Chip LED Lamp
SA2332 AUK-SA2332 Datasheet
224Kb / 4P
   High Brightness Chip LED Lamp
SR2332-H AUK-SR2332-H Datasheet
224Kb / 4P
   High Brightness Chip LED Lamp
SY3418-E AUK-SY3418-E Datasheet
151Kb / 4P
   High Brightness LED Lamp
logo
LUXPIA
LBH3030 LUXPIA-LBH3030 Datasheet
103Kb / 6P
   High Brightness LED Lamp
LWH3000 LUXPIA-LWH3000 Datasheet
228Kb / 7P
   High Brightness LED Lamp
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com