전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMSF5N02HDR2 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MMSF5N02HDR2
상세설명  N-Channel SO-8 Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSF5N02HDR2 데이터시트(HTML) 1 Page - ON Semiconductor

  MMSF5N02HDR2 Datasheet HTML 1Page - ON Semiconductor MMSF5N02HDR2 Datasheet HTML 2Page - ON Semiconductor MMSF5N02HDR2 Datasheet HTML 3Page - ON Semiconductor MMSF5N02HDR2 Datasheet HTML 4Page - ON Semiconductor MMSF5N02HDR2 Datasheet HTML 5Page - ON Semiconductor MMSF5N02HDR2 Datasheet HTML 6Page - ON Semiconductor MMSF5N02HDR2 Datasheet HTML 7Page - ON Semiconductor MMSF5N02HDR2 Datasheet HTML 8Page - ON Semiconductor MMSF5N02HDR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Publication Order Number:
MMSF5N02HD/D
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 7
1
MMSF5N02HD
Preferred Device
Power MOSFET
5 Amps, 20 Volts
N−Channel SO−8
These miniature surface mount MOSFETs feature ultra low RDS(on)
and true logic level performance. They are capable of withstanding
high energy in the avalanche and commutation modes and the
drain−to−source diode has a very low reverse recovery time.
MiniMOS
t devices are designed for use in low voltage, high speed
switching applications where power efficiency is important. Typical
applications are dc−dc converters, and power management in portable
and battery powered products such as computers, printers, cellular and
cordless phones. They can also be used for low voltage motor controls
in mass storage products such as disk drives and tape drives. The
avalanche energy is specified to eliminate the guesswork in designs
where inductive loads are switched and offer additional safety margin
against unexpected voltage transients.
Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery
Life
Logic Level Gate Drive − Can Be Driven by Logic ICs
Miniature SO−8 Surface Mount Package − Saves Board Space
Diode Is Characterized for Use In Bridge Circuits
Diode Exhibits High Speed, With Soft Recovery
IDSS Specified at Elevated Temperature
Avalanche Energy Specified
Mounting Information for SO−8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
20
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MΩ)
VDGR
20
Vdc
Gate−to−Source Voltage − Continuous
VGS
± 20
Vdc
Drain Current − Continuous @ TA = 25°C
Drain Current − Continuous @ TA = 100°C
Drain Current − Single Pulse (tp ≤ 10 μs)
ID
ID
IDM
8.2
5.6
41
Adc
Apk
Total Power Dissipation @ TA = 25°C
(Note 1.)
PD
2.5
Watts
Operating and Storage Temperature Range
TJ, Tstg
− 55 to
150
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 20 Vdc, VGS = 5.0 Vdc, Peak
IL = 15 Apk, L = 6.0 mH, RG = 25 Ω)
EAS
675
mJ
Thermal Resistance − Junction to Ambient
(Note 1.)
RθJA
50
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8″ from case for 10 seconds
TL
260
°C
1. Mounted on 2″ square FR4 board (1″ sq. 2 oz. Cu 0.06″ thick single sided),
10 sec. max.
N−C
1
2
3
4
8
7
6
5
Top View
Source
Source
Gate
Drain
Drain
Drain
Drain
1
8
5 AMPERES
20 VOLTS
RDS(on) = 25 mW
Device
Package
Shipping
ORDERING INFORMATION
MMSF5N02HDR2
SO−8
2500 Tape & Reel
SO−8
CASE 751
STYLE 13
http://onsemi.com
N−Channel
LYWW
MARKING
DIAGRAM
D
S
G
S5N02
L
= Location Code
Y
= Year
WW
= Work Week
PIN ASSIGNMENT
Preferred devices are recommended choices for future use
and best overall value.


유사한 부품 번호 - MMSF5N02HDR2

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MMSF5N02HD MOTOROLA-MMSF5N02HD Datasheet
293Kb / 10P
   SINGLE TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
More results

유사한 설명 - MMSF5N02HDR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MMDFS6N303 ONSEMI-MMDFS6N303 Datasheet
252Kb / 11P
   N-Channel SO-8 Power MOSFET
August, 2006 ??Rev. 3
MMDF4P03HD ONSEMI-MMDF4P03HD Datasheet
207Kb / 8P
   P-channel SO-8 Power MOSFET
August, 2006 ??Rev. 3
NTMS4816N ONSEMI-NTMS4816N Datasheet
94Kb / 5P
   Power MOSFET 30 V, 11 A, N-Channel, SO-8
December, 2007 - Rev. 0
logo
STMicroelectronics
STS3DNE60L STMICROELECTRONICS-STS3DNE60L Datasheet
71Kb / 5P
   N - CHANNEL 60V - 0.065ohm - 3A SO-8 STripFET POWER MOSFET
logo
ON Semiconductor
NTMFS4821N ONSEMI-NTMFS4821N_12 Datasheet
146Kb / 7P
   Power MOSFET 30V 58.5A Single N-channel, SO-8 FL
May, 2012 ??Rev. 4
logo
STMicroelectronics
STS10NF30L STMICROELECTRONICS-STS10NF30L Datasheet
44Kb / 6P
   N - CHANNEL 30V - 0.011ohm - 10A SO-8 STripFET POWER MOSFET
STS2DNE60 STMICROELECTRONICS-STS2DNE60 Datasheet
70Kb / 5P
   N - CHANNEL 60V - 0.180ohm - 2A SO-8 STripFET POWER MOSFET
STS5NF60L STMICROELECTRONICS-STS5NF60L Datasheet
68Kb / 5P
   N - CHANNEL 60V - 0.045ohm - 5A SO-8 STripFET POWER MOSFET
STS7NF30L STMICROELECTRONICS-STS7NF30L Datasheet
72Kb / 5P
   N - CHANNEL 30V - 0.021ohm - 7A SO-8 STripFET POWER MOSFET
logo
ON Semiconductor
NTMS4807N ONSEMI-NTMS4807N Datasheet
93Kb / 5P
   Power MOSFET 30 V, 14.8 A, N-Channel, SO-8
December, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com