전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL1027P 데이터시트(PDF) 5 Page - AUK corp

부품명 SL1027P
상세설명  DUAL PREAMPLIFIER WITH ALC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AUK [AUK corp]
홈페이지  https:www.auk.co.kr
Logo AUK - AUK corp

SL1027P 데이터시트(HTML) 5 Page - AUK corp

  SL1027P Datasheet HTML 1Page - AUK corp SL1027P Datasheet HTML 2Page - AUK corp SL1027P Datasheet HTML 3Page - AUK corp SL1027P Datasheet HTML 4Page - AUK corp SL1027P Datasheet HTML 5Page - AUK corp SL1027P Datasheet HTML 6Page - AUK corp SL1027P Datasheet HTML 7Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
KSI-W021-000
5
2. Closed-loop Gain (f=1kHz)
• Closed loop voltage gain
GV=20log(Z1/Z3) (dB)
• Playback amplifier gain
GV=20log(R1/R3) (dB)
in low frequency
GV=20log(Z1/Z3) (dB)
in high frequency
• Recording amplifier gian
GV=20log(R1/R3) (dB)
3. Oscillation
When the closed-loop gain of amplifier is lowered, oscillation with occur. So the circuit
should be compensated by connecting of 10pF between pin 3 and pin 2, and 0.03 ㎌ in
series with 10Ω to the load end.
SL1027P
R1
2
4
+
+
R L
R2
R3
C1
C2
10u F
Z1
Z2
Z3
+
5
+
+
AMP
-
4
+
3
2
Si g n a l
In p u t
10u F
10p F
10u F
20u F
1000p F
0.033u F
51
47K
10
R L
56


유사한 부품 번호 - SL1027P

제조업체부품명데이터시트상세설명
logo
AUK corp
SL1027P AUK-SL1027P Datasheet
267Kb / 8P
   DUAL PREAMPLIFIER WITH ALC
SL1027P AUK-SL1027P_1 Datasheet
267Kb / 8P
   DUAL PREAMPLIFIER WITH ALC
More results

유사한 설명 - SL1027P

제조업체부품명데이터시트상세설명
logo
Rohm
BA3308 ROHM-BA3308 Datasheet
172Kb / 8P
   Dual preamplifier with ALC
logo
AUK corp
SL1027P AUK-SL1027P_1 Datasheet
267Kb / 8P
   DUAL PREAMPLIFIER WITH ALC
logo
Daewoo Semiconductor
DBL1027 DAEWOO-DBL1027 Datasheet
299Kb / 6P
   DUAL PREAMPLIFIER WITH ALC
logo
Rohm
BA3311L ROHM-BA3311L Datasheet
64Kb / 4P
   Dual preamplifier with ALC
logo
Unisonic Technologies
BA3308 UTC-BA3308 Datasheet
127Kb / 8P
   DUAL PREAMPLIFIER WITH ALC
BA3308 UTC-BA3308_11 Datasheet
179Kb / 4P
   DUAL PREAMPLIFIER WITH ALC
logo
Rohm
BA3306 ROHM-BA3306 Datasheet
95Kb / 5P
   Dual preamplifier with ALC
logo
Mitsubishi Electric Sem...
M51545P MITSUBISHI-M51545P Datasheet
280Kb / 4P
   3V DUAL PREAMPLIFIER WITH ALC
logo
Rohm
BA3313L ROHM-BA3313L Datasheet
66Kb / 5P
   Dual preamplifier with ALC detector circuit
BA3314F ROHM-BA3314F Datasheet
66Kb / 4P
   Dual preamplifier with ALC detector circuit
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com