전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM3318-D 데이터시트(PDF) 1 Page - AUK corp

부품명 SM3318-D
상세설명  LED Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AUK [AUK corp]
홈페이지  https:www.auk.co.kr
Logo AUK - AUK corp

SM3318-D 데이터시트(HTML) 1 Page - AUK corp

  SM3318-D Datasheet HTML 1Page - AUK corp SM3318-D Datasheet HTML 2Page - AUK corp SM3318-D Datasheet HTML 3Page - AUK corp SM3318-D Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KLM-3003-000
1
SM3318-D
LED Lamp
Features
• Green colored transparency lens type
• φ3mm(T-1) all plastic mold type
• Low power consumption
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
STRAIGHT TYPE
STOPPER TYPE
PINF Connections
1.Anode
2.Cathode
23.0 MIN
23.0 MIN
1
3.8±0.2
2.54 NOM
3.8±0.2
2
1
2.54 NOM
3.6±0.2
1.0 MIN
3.6±0.2
2
1.0 MIN
3.0±0.2
4.1±0.2
2.9±0.2
0.4
0.4
3.0±0.2
4.1±0.2
5.5±0.5
2.9±0.2


유사한 부품 번호 - SM3318-D

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
SM3318-D KODENSHI-SM3318-D Datasheet
264Kb / 4P
   LAMP LED
More results

유사한 설명 - SM3318-D

제조업체부품명데이터시트상세설명
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com