전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS-2U50ES 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 SS-2U50ES
상세설명  500W power supply for 2U Single Efficiency:87.25%
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SS-2U50ES 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  SS-2U50ES Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-2U50ES Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-2U50ES Datasheet HTML 3Page - List of Unclassifed Manufacturers SS-2U50ES Datasheet HTML 4Page - List of Unclassifed Manufacturers SS-2U50ES Datasheet HTML 5Page - List of Unclassifed Manufacturers SS-2U50ES Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
P24
14
16
15
17
13
18
19
21
20
22
23
24
1
2
4
3
5
9
7
8
6
11
12
10
ORANGE(+3.3V)
RED(+5V)
Pin
No.
WIRE
COLOR
Pin
No.
GRAY(PG)
PURPLE(+5VSB)
NC
BLUE(-12V)
YELLOW(+12V)
GREEN(PS-ON)
WIRE
COLOR
BLACK(GND)
420mm/18AWG
420mm/22AWG
420mm/18AWG
420mm/20AWG
420mm/20AWG
420mm/18AWG
LENGTH
LENGTH
Housing
420mm/18AWG
420mm/18AWG
ORANGE(+3.3V)
ORANGE(+3.3V)
ORANGE(+3.3Vs)
BLACK(GND)
BLACK(GND)
RED(+5V)
YELLOW(+12V)
ORANGE(+3.3V)
BLACK(GND)
BLACK(GND)
BLACK(GND)
BLACK(GND)
BLACK(GND)
RED(+5V)
RED(+5V)
RED(+5V)
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
Connector HOUSING: MOLEX 39-01-2240 or equivalent
24Pins(EPS12V)
TERMINAL: MOLEX 39-00-0039 or equivalent
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
420mm/18AWG
L=420mm±20mm
PIN13
PIN1
PIN12
PIN24
P24
Connector HOUSING: MOLEX 39-01-0240 or equivalent
L=440mm±20mm
L=150mm±10mm
Pin5
Pin1
Pin4
Pin8
PIN3
PIN1
PIN2
PIN4
PA
PB
8Pins(EPS12V)X1
Pin
1
2
3
4
2
1
Housing
PA
PB
440mm/18AWG
Connector HOUSING: MOLEX 39-01-0280 or equivalent
LENGTH
150mm/18AWG
150mm/18AWG
Pin
5
6
7
8
LENGTH
Black/Black
4
3
WIRE
COLOR
WIRE
COLOR
Black/Black
Black
Black
Black
Black
Yellow/Yellow
Yellow/Yellow
Yellow
Yellow
Yellow
Yellow
440mm/18AWG
150mm/18AWG
150mm/18AWG


유사한 부품 번호 - SS-2U50ES

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U60EL ETC2-SS-2U60EL Datasheet
228Kb / 6P
   600W power supply for 2U Single Efficiency:87.45%
SS-2U70EL ETC2-SS-2U70EL Datasheet
217Kb / 6P
   700W power supply for 2U Single Efficiency??6%
More results

유사한 설명 - SS-2U50ES

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SS-2U40ES ETC2-SS-2U40ES Datasheet
214Kb / 6P
   400W power supply for 2U Single Efficiency??6%
SS-2U60EL ETC2-SS-2U60EL Datasheet
228Kb / 6P
   600W power supply for 2U Single Efficiency:87.45%
SS-2U70EL ETC2-SS-2U70EL Datasheet
217Kb / 6P
   700W power supply for 2U Single Efficiency??6%
R4S-500G1V2 ETC2-R4S-500G1V2 Datasheet
319Kb / 13P
   500W500W Mini Redundant Power Supply
R4B-500G1V2 ETC2-R4B-500G1V2 Datasheet
328Kb / 13P
   500W500W Mini Redundant Power Supply
logo
Tumbler Technologies + ...
TIPC500P TRUMPOWER-TIPC500P Datasheet
270Kb / 1P
   500W High Efficiency PS/2 ATX IPC Power Supply
logo
Advantech Co., Ltd.
96PS-A400W2U ADVANTECH-96PS-A400W2U Datasheet
335Kb / 2P
   2U Power Supply
30-July-2014
96PS-A300W2U ADVANTECH-96PS-A300W2U Datasheet
300Kb / 2P
   2U Power Supply
29-July-2014
logo
List of Unclassifed Man...
R2A-500D1V2 ETC2-R2A-500D1V2 Datasheet
319Kb / 12P
   500W500W 2/3U Redundant Power Supply.
M1C-500A1 ETC2-M1C-500A1 Datasheet
255Kb / 11P
   500W Power Supply for 1U Easy Swap
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com