전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS1MF-AU 데이터시트(PDF) 2 Page - Pan Jit International Inc.

부품명 GS1MF-AU
상세설명  SURFACE MOUNT RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANJIT [Pan Jit International Inc.]
홈페이지  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1MF-AU 데이터시트(HTML) 2 Page - Pan Jit International Inc.

  GS1MF-AU Datasheet HTML 1Page - Pan Jit International Inc. GS1MF-AU Datasheet HTML 2Page - Pan Jit International Inc. GS1MF-AU Datasheet HTML 3Page - Pan Jit International Inc. GS1MF-AU Datasheet HTML 4Page - Pan Jit International Inc. GS1MF-AU Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
GS1JF-AU / GS1MF-AU
May 8,2014
Document Number : 131107
RATING A ND CHARACTERISTIC CURVES
0.01
0.1
1
10
0
0.5
1
1.5
VF, Forward Voltage (V)
TJ=25°C
TJ=75°C
TJ=150°C
TJ=125°C
1
10
100
0.1
1
10
100
VR, Reverse Bias Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
TL , Lead Temperature (°C)
0
0
1
10
100
20
40
60
80
100
TJ=25°C
TJ=150°C
TJ=125°C
TJ=75°C
Percent of Rated Peak Reverse Voltage (%)
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance


유사한 부품 번호 - GS1MF-AU

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
GS1MF PANJIT-GS1MF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
logo
List of Unclassifed Man...
GS1MF ETC2-GS1MF Datasheet
525Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Microdiode Electronics ...
GS1MF CHENDA-GS1MF Datasheet
627Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
SUNMATE electronic Co.,...
GS1MF SUNMATE-GS1MF Datasheet
516Kb / 2P
   SURFACE MOUNT RECTIFIER DIODES
logo
Zibo Seno Electronic En...
GS1MF ZSELEC-GS1MF Datasheet
149Kb / 2P
   1.0A SURFACE MOUNT RECTIFIER
More results

유사한 설명 - GS1MF-AU

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com