전자부품 데이터시트 검색엔진 |
|
STK672-642A-E 데이터시트(PDF) 1 Page - ON Semiconductor |
|
STK672-642A-E 데이터시트(HTML) 1 Page - ON Semiconductor |
1 / 21 page 62911HKPC 018-08-0078/N1809HKIM No. A1589-1/21 http://onsemi.com Semiconductor Components Industries, LLC, 2013 June, 2013 STK672-642A-E Overview The STK672-642A-E is a hybrid IC for use as a unipolar, 2-phase stepping motor driver with PWM current control. Applications • Office photocopiers, printers, etc. Features • Built-in overcurrent detection function (output current OFF). • Built-in overheat detection function (output current OFF). • If either over-current or overheat detection function is activated, the FAULT signal (active low) is output. • Built-in power on reset function. • The motor speed is controlled by the frequency of an external clock signal. • 2 phase or 1-2 phase excitation switching function. • Using either or both edges of the clock signal switching function. • Phase is maintained even when the excitation mode is switched. • Rotational direction switching function. • Supports schmitt input for 2.5V high level input. • Incorporating a current detection resistor (0.089Ω: resistor tolerance ±2%), motor current can be set using two external resistors. • The ENABLE pin can be used to cut output current while maintaining the excitation mode. • With a wide current setting range, power consumption can be reduced during standby. • No motor sound is generated during hold mode due to external excitation current control. • Miniature package (provides pin compatibility with STK672-640A-E) Ordering number : ENA1589A Thick-Film Hybrid IC 2-phase Stepping Motor Driver |
유사한 부품 번호 - STK672-642A-E |
|
유사한 설명 - STK672-642A-E |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |