전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0W588-002-XUA 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 0W588-002-XUA
상세설명  DSP
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

0W588-002-XUA 데이터시트(HTML) 5 Page - ON Semiconductor

  0W588-002-XUA Datasheet HTML 1Page - ON Semiconductor 0W588-002-XUA Datasheet HTML 2Page - ON Semiconductor 0W588-002-XUA Datasheet HTML 3Page - ON Semiconductor 0W588-002-XUA Datasheet HTML 4Page - ON Semiconductor 0W588-002-XUA Datasheet HTML 5Page - ON Semiconductor 0W588-002-XUA Datasheet HTML 6Page - ON Semiconductor 0W588-002-XUA Datasheet HTML 7Page - ON Semiconductor 0W588-002-XUA Datasheet HTML 8Page - ON Semiconductor 0W588-002-XUA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
BelaSigna 200
digital pads of BelaSigna 200 itself. Analog ground returns associated with the audio output stage should connect back to the star point
on separate individual traces.
For more information on the recommended ground design strategy, see Table 1.
In some designs, space constraints may make separate ground planes impractical. In this case a star configuration strategy should be
used. Each analog ground return should connect to the star point with separate traces.
3.2 Internal Power Supplies
Power management circuitry in BelaSigna 200 generates separate digital (VDDC) and analog (VREG, VDBL) regulated supplies. Each
supply requires an external decoupling capacitor, even if the supply is not used externally. Decoupling capacitors should be placed as
close as possible to the power pads. Further details are provided in Table 1. Non-critical signals are outlined in Table 2.
Table 1: Critical Signal
Pin Name
Description
Routing Guideline
VBAT
Power supply
Place 1μF (min) decoupling capacitor close to pin. Connect negative
terminal of capacitor to DGND plane.
VREG, VDBL
Internal regulator for analog
sections
Place separate 1μF decoupling capacitors close to each pin. Connect
negative capacitor terminal to AGND. Keep away from digital traces and
output traces. VREG may be used to generate microphone bias. VDBL
shall not be used to supply external circuitry.
AGND
Analog ground return
Connect to AGND plane.
VDDC
Internal regulator for digital
sections
Place 10μF decoupling capacitor close to pin. Connect negative terminal
of capacitor to DGND. Should be connected to VDDO pins and to
EEPROM power.
GNDO, GNDC
Digital ground return (pads and
core)
Connect to digital ground.
AI0, AI1 / LOUT, AI2, AI3
Microphone inputs
Keep as short as possible. Keep away from all digital traces and audio
outputs. Avoid routing in parallel with other traces. Connect unused inputs
to AGND.
AIR
Input stage reference voltage
Connect to AGND. If no analog ground plane, should share trace with
microphone grounds to star point.
AO0, AO1
Analog audio output
Keep away from microphone inputs.
RCVR0+, RCVR0-, RCVR1+,
RCVR1-
Direct digital audio output
Keep away from analog traces, particularly microphone inputs.
Corresponding traces should be of approximately the same length.
AOR
Output stage reference voltage
Connect to star point. Share trace with power amplifier (if present).
RCVRGND
Output stage ground return
Connect to star point.
EXT_CLK
External clock input / internal
clock output
Minimize trace length. Keep away from analog signals. If possible,
surround with digital ground.
AI_RC
Infrared receiver input
If used, minimize trace length to photodiode.
Rev. 16 | Page 5 of 43 | www.onsemi.com


유사한 부품 번호 - 0W588-002-XUA

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
0W588-002-XUA ONSEMI-0W588-002-XUA Datasheet
1Mb / 43P
   1.0 Genral Description
June 2008 ??Rev. 16
More results

유사한 설명 - 0W588-002-XUA

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADSP-2141L AD-ADSP-2141L Datasheet
257Kb / 39P
   DSP
REV. 0
logo
Texas Instruments
TMS320LF2407 TI-TMS320LF2407_08 Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
logo
Analog Devices
ADSP-2189MBSTZ-266 AD-ADSP-2189MBSTZ-266 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-2181BSTZ-133 AD-ADSP-2181BSTZ-133 Datasheet
293Kb / 32P
   DSP Microcomputer
REV. D
ADSP-2181BSZ-133 AD-ADSP-2181BSZ-133 Datasheet
305Kb / 32P
   DSP Microcomputer
REV. D
ADSP-2196MKSTZ-160 AD-ADSP-2196MKSTZ-160 Datasheet
1Mb / 68P
   DSP Microcomputer
REV. PrA
logo
Texas Instruments
TMS320F240PQG4 TI-TMS320F240PQG4 Datasheet
1Mb / 105P
[Old version datasheet]   DSP CONTROLLER
logo
Analog Devices
ADSP-21065LCSZ-240 AD-ADSP-21065LCSZ-240 Datasheet
427Kb / 44P
   DSP Microcomputer
REV. C
ADSP-21065LKSZ-264 AD-ADSP-21065LKSZ-264 Datasheet
427Kb / 44P
   DSP Microcomputer
REV. C
logo
Panasonic Battery Group
DSP PANASONICBATTERY-DSP Datasheet
107Kb / 6P
   DSP RELAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com