전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC-1U40 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 TC-1U40
상세설명  DC output 400w maximum
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

TC-1U40 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  TC-1U40 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-1U40 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-1U40 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-1U40 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-1U40 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
8. PINOUTS OF CONNECTORS
ATX or EPS (20+4)Pin x 1 ,
M8P +12V Power Connector x 1 ,
M4P +12V Power Connector x 1 ,
H.D.D. x 6 ,
Floppy x 2.
P24
14
16
15
17
13
18
19
21
20
22
23
24
1
2
4
3
5
9
7
8
6
11
12
10
PURPLE(+3.3V)
RED(+5V)
Pin
No.
WIRE
COLOR
Pin
No.
ORANGE(PG)
BROWN(+5VSB)
WHITE(-5V)
BLUE(-12V)
YELLOW(+12V)
GRAY(PS-ON)
WIRE
COLOR
BLACK(GND)
560mm/18AWG
560mm/22AWG
560mm/18AWG
560mm/20AWG
560mm/18AWG
560mm/18AWG
LENGTH
LENGTH
COM
COM
BLACK
580mm ±15mm
LENGTH
WIRE
TYPE
SIGNAL
WIRE
COLOR
Pin
No.
3
4
2
1
18AWG
18AWG
18AWG
18AWG
BLACK
YELLOW
+12V
YELLOW
+12V
4Pins(ATX12V,FOR P4)
Connector HOUSING: MOLEX 39-01-0280 or equivalent
TERMINAL: MOLEX 39-00-0060 or equivalent
Housing
Housing
P4
560mm/18AWG
560mm/18AWG
PURPLE(+3.3V)
PURPLE(+3.3V)
PURPLE(+3.3Vs)
BLACK(GND)
BLACK(GND)
RED(+5V)
YELLOW(+12V)
PURPLE(+3.3V)
BLACK(GND)
BLACK(GND)
BLACK(GND)
BLACK(GND)
BLACK(GND)
RED(+5V)
RED(+5V)
RED(+5V)
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
Connector HOUSING: MOLEX 39-01-2240 or equivalent
24Pins(EPS12V)
TERMINAL: MOLEX 39-00-0039 or equivalent
MODEL NO
品名
PART NO
料號
mm
OF
DATE
日期
SHEET
編號
DRAW NO
圖號
UNITS
單位
DRAW BY.
繪圖者
CHECK BY.
審核者
APPROVE BY.
核准者
第三角法
PROJECTION:
MATERIAL
材料規格
投影法:
容許公差:
.X=
.XX=
.XXX=
TOLEANCES:
Kevin
SURE STAR
2010,12,23
PIN8
PIN4
PIN1
PIN5
PIN4
PIN2
PIN1
PIN3
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
560mm/18AWG
Connector HOUSING: MOLEX 39-01-0280 or equivalent
8Pins(EPS12V)
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
18AWG
1
2
4
3
5
COM
+12V
7
8
6
Pin
No.
WIRE
COLOR
SIGNAL
WIRE
TYPE
LENGTH
BLACK
BLACK
580mm ±15mm
BLACK
BLACK
YELLOW
YELLOW
YELLOW
YELLOW
COM
COM
COM
+12V
+12V
+12V
TERMINAL: MOLEX 39-00-0060 or equivalent
Housing
P8
P8
P4
PIN13
PIN1
PIN12
PIN24
P24
L=580mm±15mm
L=580mm±15mm
L=560mm±15mm
03
TC-1U30.35 HARNESS
560mm/18AWG


유사한 부품 번호 - TC-1U40

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TC-1U35 ETC2-TC-1U35 Datasheet
251Kb / 5P
   OVER-VOLTAGE PROTECTION
More results

유사한 설명 - TC-1U40

제조업체부품명데이터시트상세설명
logo
DENSEI-LAMBDA
PAF400F280 LAMBDA-PAF400F280 Datasheet
106Kb / 1P
   DC-DC Module 400W
logo
CINCON ELECTRONICS Corp...
CFB400W CINCON-CFB400W Datasheet
196Kb / 2P
   400W WATTS 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
SL Power Electronics
MINT1400A SLPOWER-MINT1400A_13 Datasheet
400Kb / 3P
   400W Single Output Series
logo
Delta Electronics, Inc.
DIM3R3400 DELTA-DIM3R3400 Datasheet
750Kb / 16P
   400W DC/DC Power Modules
Q48SC12033 DELTA-Q48SC12033 Datasheet
1Mb / 28P
   400W DC/DC Power Modules
logo
SL Power Electronics
MINT1400A SLPOWER-MINT1400A Datasheet
903Kb / 3P
   400W Single Output Series
logo
Mean Well Enterprises C...
EPP-400 MEANWELL-EPP-400 Datasheet
549Kb / 4P
   400W Single Output with PFC Function
ERPF-400 MEANWELL-ERPF-400 Datasheet
120Kb / 4P
   400W Single Output Switching Power Supply
NEL-400 MEANWELL-NEL-400 Datasheet
538Kb / 2P
   400W Single Output Switching Power Supply
logo
Dubilier
ZKS-400WX-A DUBILIER-ZKS-400WX-A Datasheet
64Kb / 1P
   400W AC-DC ATX Power Supply supports 400W AC-DC ATX Power Supply supports
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com