전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC-2U35 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 TC-2U35
상세설명  AC Input Voltage: 90 to 132 or 180 to 264 Auto selectable 50 to 60 Hz.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

TC-2U35 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  TC-2U35 Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-2U35 Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-2U35 Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-2U35 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-2U35 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TERMINAL:AMP 60619-4 or equivalent
4Pins(HD/CD-ROM/RW):P4H1~P4H4
COM
LENGTH
WIRE
SIZE
SIGNAL
WIRE
COLOR
Pin
No.
3
4
2
1
18AWG
18AWG
18AWG
18AWG
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
Connector HOUSING: AMP 480424-0 or equivalent
P4H1
Housing
COM
3
4
2
1
18AWG
18AWG
18AWG
18AWG
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
P4H2
COM
3
4
2
1
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
P4H5
COM
4
2
1
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
P4H3
150mm ±15mm
PIN4
PIN3
PIN2
PIN1
480mm ±15mm
PIN4
PIN3
PIN2
PIN1
TERMINAL: AMP 170262-2 or equivalent
4Pins(FLOPPY DISK):P4F
Connector HOUSING: AMP 171822-4 or equivalent
L=150mm±15mm
L=480mm±15mm
18AWG
18AWG
18AWG
18AWG
COM
150mm ±15mm
3
4
2
1
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
P4H4
18AWG
18AWG
18AWG
18AWG
HDD 4P-480L+ HDD 4P-150L
PIN4
PIN1
PIN4
PIN3
PIN2
PIN1
P4H2
P4H1
HDD 4P-480L+ FDD 4P-150L
L=150mm±15mm
P4F1
150mm ±15mm
22AWG
22AWG
22AWG
22AWG
COM
3
4
2
1
BLACK
RED
+12V
YELLOW
BLACK
COM
+5V
18AWG
18AWG
18AWG
18AWG
PIN4
PIN3
PIN2
PIN1
PIN4
PIN3
PIN2
PIN1
L=150mm±15mm
L=480mm±15mm
P4H4
P4H3
P4F1
P4H5
L=480mm±15mm
HDD 4P-480L+ HDD 4P-150L
480mm ±15mm
480mm ±15mm
MODEL NO
品名
PART NO
料號
mm
OF
DATE
日期
SHEET
編號
DRAW NO
圖號
UNITS
單位
DRAW BY.
繪圖者
CHECK BY.
審核者
APPROVE BY.
核准者
第三角法
PROJECTION:
MATERIAL
材料規格
投影法:
容許公差:
.X=
.XX=
.XXX=
TOLEANCES:
Kevin
SURE STAR
2010,12,23
03
TC-1U30.35 HARNESS
Note: Specification and wiring diagram subject to change without notice.


유사한 부품 번호 - TC-2U35

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TC-2U40 ETC2-TC-2U40 Datasheet
165Kb / 5P
   AC Input Voltage: 90 to 132 or 180 to 264 Auto selectable 50 to 60 Hz.
More results

유사한 설명 - TC-2U35

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TC-2U40 ETC2-TC-2U40 Datasheet
165Kb / 5P
   AC Input Voltage: 90 to 132 or 180 to 264 Auto selectable 50 to 60 Hz.
logo
Total Power Internation...
TPSBU-60 TOTAL-POWER-TPSBU-60 Datasheet
302Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-61 TOTAL-POWER-TPSBU-61 Datasheet
270Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-58 TOTAL-POWER-TPSBU-58 Datasheet
251Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
logo
ETAL Group
SMP21-L20-DC24V-20A ETAL-SMP21-L20-DC24V-20A Datasheet
425Kb / 6P
   Wide range voltage input from AC 90 to 264 V
logo
Total Power Internation...
TPIBU-41 TOTAL-POWER-TPIBU-41 Datasheet
354Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-31 TOTAL-POWER-TPSBU-31 Datasheet
288Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-41 TOTAL-POWER-TPSBU-41 Datasheet
261Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
logo
Bel Fuse Inc.
PEC1600-12-074XA BEL-PEC1600-12-074XA Datasheet
694Kb / 13P
   Input Voltage Range 90 ??264 VAC / 180 ??300 VDC
logo
List of Unclassifed Man...
TC-550PA ETC2-TC-550PA Datasheet
159Kb / 4P
   AC Input Voltage: 90~264V (Active PFC) Frequency: 47 to 63 Hz..
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com