전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC-300R2UH 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 TC-300R2UH
상세설명  1U redundant power supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

TC-300R2UH 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

  TC-300R2UH Datasheet HTML 1Page - List of Unclassifed Manufacturers TC-300R2UH Datasheet HTML 2Page - List of Unclassifed Manufacturers TC-300R2UH Datasheet HTML 3Page - List of Unclassifed Manufacturers TC-300R2UH Datasheet HTML 4Page - List of Unclassifed Manufacturers TC-300R2UH Datasheet HTML 5Page - List of Unclassifed Manufacturers TC-300R2UH Datasheet HTML 6Page - List of Unclassifed Manufacturers TC-300R2UH Datasheet HTML 7Page - List of Unclassifed Manufacturers TC-300R2UH Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
11. PINOUTS OF CONNECTORS
ATX or EPS (20+4)Pin x 1 ,
M8P +12V Power Connector x 1 ,
M4P +12V Power Connector x 1 ,
H.D.D. x 9 ,
Floppy x 1
SATA x 2.
L=±15
PIN13
PIN1
PIN12
PIN24
14
16
15
17
13
18
19
21
20
22
23
24
1
2
4
3
500mm/18AWG
5
9
7
8
6
11
12
10
ORANGE
ORANGE
RED
Pin
No.
WIRE
COLOR
Pin
No.
RED
GRAY
Connector HOUSING: MOLEX 39-01-2200 or equivalent
PURPLE
NC
ORANGE
BLUE
RED
RED
RED
YELLOW
YELLOW
GREEN
ORANGE
WIRE
COLOR
20+4P(
)
BLACK
BLACK
BLACK
BLACK
RED
BLACK
BLACK
BLACK
BLACK
2009,7,6
JACKY
TOLEANCES:
.XXX=
.XX=
.X=
± .025
± .1
± .2
容許公差:
投影法:
材料規格
MATERIAL
PROJECTION:
第三角法
核准者
APPROVE BY
審核者
CHECK BY
繪圖者
DRAW BY
單位
UNITS
圖號
DRAW NO
編號
SHEET
日期
DATE
OF
mm
料號
PART NO
品名
MODEL NO
版次
DESCRIPION
REV
修訂
REVISIONS
記述
簽名
日期 DATE
SING
SS-20+4P-L500
ORANGE
500mm/18AWG
500mm/22AWG
(LENGTH)
(LENGTH)
520mm/20AWG
520mm/20AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
520mm/18AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
500mm/18AWG
SURE STAR
COMPUTER
Connector HOUSING: MOLEX 39-01-0240 or equivalent
L=500mm+/-10mm
L=500mm+/-10mm
Pin5
Pin1
Pin4
Pin8
PIN3
PIN1
PIN2
PIN4
8P
4P
8Pins(EPS12V)X1
Pin
1
2
3
4
2
1
HOUSING
8P
4P
500mm / 18AWG
Connector HOUSING: MOLEX 39-01-0280 or equivalent
LENGTH
500mm / 18AWG
500mm / 18AWG
500mm / 18AWG
150mm / 18AWG
150mm / 18AWG
Pin
5
6
7
8
500mm / 18AWG
LENGTH
500mm / 18AWG
500mm / 18AWG
500mm / 18AWG
Black/Black
4
3
150mm / 18AWG
150mm / 18AWG
WIRE
COLOR
WIRE
COLOR
Black/Black
Yellow/Yellow
Yellow/Yellow
Yellow
Yellow
Yellow
Yellow
Black
Black
Black
Black


유사한 부품 번호 - TC-300R2UH

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TC-300 ETC-TC-300 Datasheet
1Mb / 1P
   FIBER DUCT KIT
More results

유사한 설명 - TC-300R2UH

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TC-400R2UH ETC2-TC-400R2UH Datasheet
299Kb / 8P
   1U Redundant Power Supply
TC-350R2UH ETC2-TC-350R2UH Datasheet
300Kb / 8P
   1U Redundant Power Supply
PWS-920P-SQ ETC1-PWS-920P-SQ Datasheet
159Kb / 1P
   920W 1U Redundant Power Supply Specification
PWS-702A-1R ETC1-PWS-702A-1R Datasheet
229Kb / 1P
   700W 1U Redundant Power Supply Specification
EFRP-S2407H ETC2-EFRP-S2407H Datasheet
330Kb / 2P
   1U 400W Server Redundant Power Supply
PWS-721P-1R ETC1-PWS-721P-1R Datasheet
225Kb / 1P
   720W 1U Redundant Power Supply Specification
PWS-703P-1R ETC1-PWS-703P-1R Datasheet
182Kb / 1P
   700W 1U Redundant Power Supply Specification
PWS-704P-1R ETC1-PWS-704P-1R Datasheet
180Kb / 1P
   700W 1U Redundant Power Supply Specification
PWS-1K41P-1R ETC1-PWS-1K41P-1R Datasheet
353Kb / 1P
   1400W 1U Redundant Power Supply Specification
PWS-741P-1R ETC1-PWS-741P-1R Datasheet
372Kb / 1P
   740W 1U Redundant Power Supply Specification
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com