전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA6500 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 LA6500
상세설명  Power Operational Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA6500 데이터시트(HTML) 3 Page - ON Semiconductor

  LA6500 Datasheet HTML 1Page - ON Semiconductor LA6500 Datasheet HTML 2Page - ON Semiconductor LA6500 Datasheet HTML 3Page - ON Semiconductor LA6500 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LA6500
No.2623-3/4
Equivalent Circuit
21
5
4
3
+VIN
−VIN
OUTPUT
VCC
VEE
Test Circuit
(1) VIO, SVRR
(2) VO
(3) CMMR, VICM
VO1
VIO is
SVRR is
VCC / VEE = ± 15V
VCC = 15, 5V
VEE = -5, -15V
9.9k
Ω
9.9k
Ω
100
Ω
100
Ω
VO
VIO = VO1 / 100
±1V
=
SVR(+)
100
Ω
100
Ω
2k
Ω
SVR(
−)
ΔVO1
100
×10V
VO
CMRR
CMR = 20log
V1 = ± 7.5V
V1
15
×100
ΔVO
100
Ω
100
Ω
9.9k
Ω
9.9k
Ω
(3) IB(+)
(4) IB(−)
(5) IIO
VO2
IB(+) =
9.9k
Ω
9.9k
Ω
100
Ω
100
Ω
50k
Ω
VO2 − VO1
50k
Ω×100
VO3
IB(−) =
9.9k
Ω
9.9k
Ω
100
Ω
100
Ω
50k
Ω
VO3 − VO1
50k
Ω×100
VO4
IIO =
9.9k
Ω
9.9k
Ω
100
Ω
100
Ω
50k
Ω
VO4 − VO1
50k
Ω×100
50k
Ω
(7) ICC
(8) SR
−15V
+15V
ICC
Pulse
Generator
1kHz
2k
Ω
10Vp-p Square wave
Oscilloscope


유사한 부품 번호 - LA6500

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6500 SANYO-LA6500 Datasheet
31Kb / 3P
   Power Operational Amplifier
LA6500 SANYO-LA6500 Datasheet
85Kb / 4P
   Power Operational Amplifier
LA6500 SANYO-LA6500_08 Datasheet
85Kb / 4P
   Power Operational Amplifier
More results

유사한 설명 - LA6500

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
   Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
   Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
   Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
   POWER OPERATIONAL AMPLIFIER
PA04 CIRRUS-PA04 Datasheet
205Kb / 5P
   Power Operational Amplifier
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com