전자부품 데이터시트 검색엔진 |
|
LC72720YVS 데이터시트(PDF) 3 Page - ON Semiconductor |
|
LC72720YVS 데이터시트(HTML) 3 Page - ON Semiconductor |
3 / 18 page LC72720YVS No. A2155-3/18 Electrical Characteristics at Ta = -40 to 85 °C, Vssd = Vssa = 0V Parameter Symbol Pin Name Conditions Ratings Unit min typ max Input resistance RMPXIN MPXIN-Vssa f=0 to 100kHz 23 k Ω Internal feedback resistance Rf XIN 1.5 M Ω Center frequency fc FLOUT 56.5 57.0 57.5 kHz -3dB band width BW-3dB FLOUT 2.5 3.0 3.5 kHz Gain Gain MPXIN-FLOUT f=57kHz 28 31 34 dB Stop band Attenuation Att1 FLOUT Δf=±7kHz 30 dB Att2 FLOUT f<45kHz, f>70kHz 40 dB Att3 FLOUT f<20kHz 50 dB Group delay deviation G-Delay FLOUT f=57 ±1.2kHz ±2.0 μs Reference voltage output Vref Vref Vdda=5.0V 1.65 V Hysteresis VHIS CL, DI, CE, SYR, T1, T2 0.1Vddd V Output low-level voltage VOL1 DO, T3, T4, T5, T6, T7 I=2mA 0.5 V VOL2 SYNC, RDS-ID I=8mA 0.5 V Input high-level current IIIH1 CL, DI, CE, SYR, T1, T2 VI= Vddd 5.0 μA IIIH2 XIN VI=Vddd 0.9 4.0 μA Input low-level current IIIL1 CL, DI, CE, SYR, T1, T2 VI=0V 5.0 μA IIIL2 XIN VI=0V 0.9 4.0 μA Output off leakage current IIOFF DO, SYNC, RDS-ID, T3, T4, T5, T6, T7 VO=6.5V 5.0 μA Current drain Idd Vddd, Vdda Vddd=Vdda =3.3V 6 mA |
유사한 부품 번호 - LC72720YVS |
|
유사한 설명 - LC72720YVS |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |