전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM308AN 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LM308AN
상세설명  Precision Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM308AN 데이터시트(HTML) 2 Page - ON Semiconductor

  LM308AN Datasheet HTML 1Page - ON Semiconductor LM308AN Datasheet HTML 2Page - ON Semiconductor LM308AN Datasheet HTML 3Page - ON Semiconductor LM308AN Datasheet HTML 4Page - ON Semiconductor LM308AN Datasheet HTML 5Page - ON Semiconductor LM308AN Datasheet HTML 6Page - ON Semiconductor LM308AN Datasheet HTML 7Page - ON Semiconductor LM308AN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM308A
http://onsemi.com
2
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC, VEE
±18
Vdc
Input Voltage (Note 1)
VI
±15
V
Input Differential Current (Note 2)
IID
±10
mA
Output Short Circuit Duration
tSC
Indefinite
Operating Ambient Temperature Range
TA
0 to +70
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Junction Temperature
TJ
+150
°C
1. For supply voltages less than ±15 V, the maximum input voltage is equal to the supply voltage.
2. The inputs are shunted with back−to−back diodes for overvoltage protection. Therefore, excessive current will flow if a differential input
voltage in excess of 1.0 V is applied between the inputs, unless some limiting resistance is used.
ELECTRICAL CHARACTERISTICS (Unless otherwise noted these specifications apply for supply voltages of +5.0 V ≤ VCC
+15 V and −5.0 V ≥ VEE ≥ −15 V, TA = +25°C.)
Characteristic
Symbol
Min
Typ
Max
Unit
Input Offset Voltage
VIO
0.3
0.5
mV
Input Offset Current
IIO
0.2
1.0
nA
Input Bias Current
IIB
1.5
7.0
nA
Input Resistance
ri
10
40
MΩ
Power Supply Currents
ICC, IEE
±0.3
±0.8
mA
(VCC = +15 V, VEE = −15 V)
Large Signal Voltage Gain
AVOL
80
300
V/mV
(VCC = +15 V, VEE = −15 V, VO = ±10 V, RL ≥ 10 kΩ)
The following specifications apply over the operating temperature range.
Input Offset Voltage
VIO
0.73
mV
Input Offset Current
IIO
1.5
nA
Average Temperature Coefficient of Input Offset Voltage
∆VIO/∆T
1.0
5.0
µV/°C
TA (min) ≤ TA ≤ TA (max)
Average Temperature Coefficient of Input Offset Current
∆IIO/∆T
2.0
10
pA/°C
Input Bias Current
IIB
10
nA
Large Signal Voltage Gain
AVOL
60
V/mV
(VCC +15 V, VEE = −15 V, VO = ±10 V, RL ≥ 10 kΩ)
Input Voltage Range
VICR
±14
V
(VCC = +15 V, VEE = −15 V)
Common Mode Rejection
CMR
96
110
dB
(RS ≤ 50 kΩ)
Supply Voltage Rejection
PSR
96
110
dB
(RS ≤ 50 kΩ)
Output Voltage Range
(VCC = +15 V, VEE = −15 V, RL = 10 kΩ)
VOR
±13
±14
V


유사한 부품 번호 - LM308AN

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM308AN NSC-LM308AN Datasheet
158Kb / 8P
   Operational Amplifiers
logo
Motorola, Inc
LM308AN MOTOROLA-LM308AN Datasheet
158Kb / 8P
   SUPER GAIN OPERATIONAL AMPLIFIER
logo
Linear Technology
LM308AN8 LINER-LM308AN8 Datasheet
451Kb / 8P
   Operational Amplifiers?
More results

유사한 설명 - LM308AN

제조업체부품명데이터시트상세설명
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
   Precision Operational Amplifier?
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
   Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
   Precision Operational Amplifier
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
   Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
   Precision Operational Amplifier
logo
Linear Technology
OP07H LINER-OP07H Datasheet
1Mb / 8P
   Precision Operational Amplifier
OP07CN8 LINER-OP07CN8 Datasheet
1Mb / 8P
   Precision Operational Amplifier
LT1001 LINER-LT1001_15 Datasheet
203Kb / 16P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com