전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM308ADR2 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 LM308ADR2
상세설명  Precision Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM308ADR2 데이터시트(HTML) 4 Page - ON Semiconductor

  LM308ADR2 Datasheet HTML 1Page - ON Semiconductor LM308ADR2 Datasheet HTML 2Page - ON Semiconductor LM308ADR2 Datasheet HTML 3Page - ON Semiconductor LM308ADR2 Datasheet HTML 4Page - ON Semiconductor LM308ADR2 Datasheet HTML 5Page - ON Semiconductor LM308ADR2 Datasheet HTML 6Page - ON Semiconductor LM308ADR2 Datasheet HTML 7Page - ON Semiconductor LM308ADR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LM308A
http://onsemi.com
4
INPUT GUARDING
Special care must be taken in the assembly of printed
circuit boards to take full advantage of the low input currents
of the LM308A amplifier. Boards must be thoroughly
cleaned with alcohol and blown dry with compressed air.
After cleaning, the boards should be coated with epoxy or
silicone rubber to prevent contamination.
Even with properly cleaned and coated boards, leakage
currents may cause trouble at +125°C, particularly since the
input pins are adjacent to pins that are at supply potentials.
This leakage can be significantly reduced by using guarding
to lower the voltage difference between the inputs and
adjacent metal runs. The guard, which is a conductive ring
surrounding the inputs, is connected to a low−impedance
point that is at approximately the same voltage as the inputs.
Leakage currents from high voltage pins are then absorbed
by the guard.
(1) Power Bandwidth: 250 kHz
Small Signal Bandwidth:
3.5 MHz
Slew Rate: 10 V/
µs
(2) C5 =
6 X 10−8
R1
(3) In addition to increasing speed,
the LM101A raises high and low
frequency gain, increases output
drive capability and eliminates
thermal feedback.
RS
C5 (2)
Input
R1
R4
150pF
1
6
2
3
1.0M
Output
LM101A(3)
or equiv
Compen B
1 M
R2
LM308A
0.002
µF
0.002
µF
300pF
150k
Figure 7. Fast (1) Summing Amplifier with
Low Input Current
(1) Teflon, Polyethylene or Polycarbonate
Dielectric Capacitor
Output
30pF
Q1
Q2
Input
Sample
VCC
1.0M
1.0
µF (1)
Figure 8. Sample and Hold
Inverting Amplifier
Follower
Noninverting Amplifier
(1) Used to compensate for large source resistances.
Note:
R1 R2
R1 +R2
must be an impedance.
C1
R1
R2
Input
Output
R3 (1)
C1
Input
Output
R3 (1)
C1
R2
Input
Output
R1
R3 (1)
Figure 9. Connection of Input Guards


유사한 부품 번호 - LM308ADR2

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
LM308AD MOTOROLA-LM308AD Datasheet
158Kb / 8P
   SUPER GAIN OPERATIONAL AMPLIFIER
More results

유사한 설명 - LM308ADR2

제조업체부품명데이터시트상세설명
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
   Precision Operational Amplifier?
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
   Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
   Precision Operational Amplifier
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
   Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
   Precision Operational Amplifier
logo
Linear Technology
OP07H LINER-OP07H Datasheet
1Mb / 8P
   Precision Operational Amplifier
OP07CN8 LINER-OP07CN8 Datasheet
1Mb / 8P
   Precision Operational Amplifier
LT1001 LINER-LT1001_15 Datasheet
203Kb / 16P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com