전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB3229-E1-T 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 SB3229-E1-T
상세설명  Preconfigured DSP System
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB3229-E1-T 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button SB3229-E1-T Datasheet HTML 3Page - ON Semiconductor SB3229-E1-T Datasheet HTML 4Page - ON Semiconductor SB3229-E1-T Datasheet HTML 5Page - ON Semiconductor SB3229-E1-T Datasheet HTML 6Page - ON Semiconductor SB3229-E1-T Datasheet HTML 7Page - ON Semiconductor SB3229-E1-T Datasheet HTML 8Page - ON Semiconductor SB3229-E1-T Datasheet HTML 9Page - ON Semiconductor SB3229-E1-T Datasheet HTML 10Page - ON Semiconductor SB3229-E1-T Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
RHYTHM SB3229
www.onsemi.com
7
TYPICAL APPLICATIONS (continued)
Figure 4. Typical Trimmer Application Circuit
Note: All resistors in ohms and all capacitors in farads, unless otherwise stated.
TONE
GENERATOR
VB
22
47
μ
VC
TR1
TR2 TR3
TR4
MS
A/D
A/D
TRIMMER/VC INTERFACE
PROGRAMMING
INTERFACE
REGULATOR
D/A
HBRIDGE
SB3229
PRE BIQUAD FILTERS
1−4
+
AGC−O
POST BIQUAD FILTERS
1 & 2
POST BIQUAD FILTERS
3 & 4
CROSS
FADER
1
22
20
19
18
17
15
14
16
12
11
8
7
6
5
4
3
2
13
NOISE GENERATOR
EVOKE
1, 2 or 4 CHANNEL
WDRC
BIQUAD 1−4
Reed Switch
For Autotcoil
MIC / TELECOIL
COMPENSATION
FEEDBACK
CANCELLER
PEAK
CLIPPING
VC GAIN
WIDEBAND GAIN
910
21
SB3229 OVERVIEW
SB3229
is
a
DSP
system
implemented
on
ON Semiconductor’s Wolverine
t hardware platform.
Wolverine
is
the
hearing
industry’s
first
90 nm
Silicon−on−Chip
platform
enabling
design
of
highly−efficient and flexible hearing aid solutions. The
device is packaged for easy integration into a wide range of
applications from CIC to BTE. SB3229 can be used as
a programmable or trimmer adjustable device. It may be
configured as one, two or four channels with linear or
WDRC
processing.
Configuration
data
stored
in
non−volatile memory defines hearing−aid parameters.
SB3229 can be programmed via the SDA or I2C
programming interfaces.
The
DSP
core
implements
Adaptive
Feedback
Cancellation, compression, wideband gain, and volume
control. The Adaptive Feedback Canceller reduces acoustic
feedback while offering robust performance against pure
tones.
During trimmer mode operation, a low−speed A/D circuit
monitors the positions of up to four manual trimmers and
a
VC potentiometer. Trimmer position changes are
immediately interpreted and translated into new circuit
parameter values, which are then used to update the signal
path.
FUNCTIONAL BLOCK DESCRIPTION
A/D and D/A Converter
The system’s A/D converter is a 2nd−order sigma−delta
modulator operating at a 2.048 MHz sample rate.
The system’s input is pre−conditioned with anti−alias
filtering and a programmable gain pre−amplifier. The
analog output is oversampled and modulated to produce a
1−bit pulse density modulated (PDM) data stream. The
digital PDM data is then decimated down to pulse−code
modulated (PCM) digital words at the system’s sampling
rate of 32 kHz.
The D/A is comprised of a digital 3rd−order sigma−delta
modulator and an H−bridge. The modulator accepts PCM
audio data from the DSP path and converts it into a 64−times
oversampled, 1−bit PDM data stream, which is then
supplied to the H−bridge. The H−bridge is a specialized
CMOS output driver used to convert the 1−bit data stream
into
a low−impedance,
differential
output
voltage
waveform suitable for driving zero−biased hearing aid
receivers.


유사한 부품 번호 - SB3229-E1-T

제조업체부품명데이터시트상세설명
logo
Sangdest Microelectroni...
SB3220 SMC-SB3220 Datasheet
153Kb / 5P
   SCHOTTKY RECTIFIER
SB3220 SMC-SB3220 Datasheet
153Kb / 5P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
SB3220 SMCDIODE-SB3220 Datasheet
480Kb / 4P
   SB3220 SCHOTTKY RECTIFIER
Rev.A
More results

유사한 설명 - SB3229-E1-T

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
GB3225 ONSEMI-GB3225 Datasheet
113Kb / 7P
   Preconfigured DSP System
February, 2014 ??Rev. 2
R3710 ONSEMI-R3710_16 Datasheet
147Kb / 18P
   Preconfigured DSP System
June, 2016 ??Rev. 6
R3910 ONSEMI-R3910 Datasheet
172Kb / 22P
   Preconfigured DSP System
August, 2015 ??Rev. 9
GB3221 ONSEMI-GB3221 Datasheet
121Kb / 8P
   Preconfigured DSP System
February, 2014 ??Rev. 2
SB3230 ONSEMI-SB3230 Datasheet
132Kb / 17P
   Preconfigured DSP System
November, 2014 ??Rev. 3
R3920 ONSEMI-R3920 Datasheet
219Kb / 13P
   Preconfigured DSP System
August, 2015 ??Rev. 4
GA3224 ONSEMI-GA3224 Datasheet
115Kb / 7P
   Preconfigured DSP System
February, 2014 ??Rev. 2
R3710 ONSEMI-R3710 Datasheet
147Kb / 18P
   Preconfigured DSP System
December, 2015 ??Rev. 5
SA3229 ONSEMI-SA3229 Datasheet
128Kb / 16P
   Preconfigured DSP System
May, 2016 ??Rev. 0
SA3291 ONSEMI-SA3291_16 Datasheet
181Kb / 21P
   Preconfigured Wireless DSP System
April, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com