전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11961V 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 LB11961V
상세설명  Single-Phase Full-Wave
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11961V 데이터시트(HTML) 5 Page - ON Semiconductor

  LB11961V Datasheet HTML 1Page - ON Semiconductor LB11961V Datasheet HTML 2Page - ON Semiconductor LB11961V Datasheet HTML 3Page - ON Semiconductor LB11961V Datasheet HTML 4Page - ON Semiconductor LB11961V Datasheet HTML 5Page - ON Semiconductor LB11961V Datasheet HTML 6Page - ON Semiconductor LB11961V Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LB11961V
No.8794-5/7
Application Circuit Example
*1.Power supply and ground lines
P-GND is connected to the motor power supply system and S-GND is connected to the control circuit power supply system.
These two systems should be formed from separate lines and the control system external components should be connected to
S-GND.
*2. Regeneration power supply stabilization capacitor
The capacitor CM provides power supply stabilization for both PWM drive and kickback absorption. A capacitor with a value of
over 0.1µF is used for CM. A large capacitor must be used when the coil inductance is large or when the coil resistance is low.
Since this IC adopts a technique in which switching is performed by the high side transistor and regeneration is handled by the low
side transistor, the pattern connecting CM to VM and P-GND must be as wide and as short as possible.
*3.Hall sensor input
Lines that are as short as possible must be used to prevent noise from entering the system. The Hall sensor input circuit consists of
a comparator with hysteresis (20mV). We recommend that the Hall sensor input level be at least three times this hysteresis, i.e. at
least 60mVp-p.
*4.PWM oscillator frequency setting capacitor
If a value of 100pF is used for CP, the oscillator frequency will be f = 25kHz, and this will be the basic frequency of the PWM
signal.
*5.RD output
This is an open collector output. It outputs a low level when the motor is turning and a high level when it is stopped. This pin must
be left open if unused.
*6.FG output
This is an open collector output, and a rotation count detection function can be implemented using this FG output, which
corresponds to the phase switching. This pin must be left open if unused.
*7.HB pin
This pin provides a Hall effect sensor bias constant-voltage output of 1.25V.
*8.RMI pin
Connect this pin to VTH if unused. Even if unused, the IC is set internally to operate at a 10% drive duty at the voltage
corresponding to the lowest speed. (The capacitor is used to set up full-speed mode at startup.)
P-GND
VCC
FG
OUT1
OUT2
CT
VTH
IN
+
IN
CPWM
*3
CM
*1
*6
H
*2
*5
RMI
RD
HB
*8
S-GND
*4
*7
6VREG
CT = 0.47
μF to 1μF
CP = 100pF


유사한 부품 번호 - LB11961V

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11961V SANYO-LB11961V Datasheet
110Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
More results

유사한 설명 - LB11961V

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LV8063FA-BH ONSEMI-LV8063FA-BH Datasheet
208Kb / 8P
   Single-Phase Full-Wave Driver
May, 2013
logo
Rohm
BD6961F ROHM-BD6961F_14 Datasheet
605Kb / 17P
   Standard Single-phase Full wave
BD6981FVM ROHM-BD6981FVM Datasheet
773Kb / 18P
   Standard Single-phase Full wave
BD6995FV ROHM-BD6995FV Datasheet
2Mb / 29P
   Multifunction Single-phase Full-wave
BD69730FV ROHM-BD69730FV Datasheet
1Mb / 32P
   Multifunction Single-phase Full-wave
BH6766FVM ROHM-BH6766FVM_12 Datasheet
472Kb / 13P
   5V Single-phase Full wave
logo
ON Semiconductor
LB11970RV ONSEMI-LB11970RV Datasheet
228Kb / 7P
   Single-phase Full-wave Driver
May, 2013
logo
Motorola, Inc
MDA3500 MOTOROLA-MDA3500 Datasheet
489Kb / 4P
   SINGLE-PHASE FULL-WAVE BRIDGE
logo
Rohm
BD6971FV ROHM-BD6971FV_12 Datasheet
620Kb / 16P
   Multifunction Single-phase Full-wave
BH6789FVM ROHM-BH6789FVM_12 Datasheet
480Kb / 14P
   5V Single-phase Full wave
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com