전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK404-120N-E 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 STK404-120N-E
상세설명  1ch class-AB Audio Power IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK404-120N-E 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button STK404-120N-E Datasheet HTML 2Page - ON Semiconductor STK404-120N-E Datasheet HTML 3Page - ON Semiconductor STK404-120N-E Datasheet HTML 4Page - ON Semiconductor STK404-120N-E Datasheet HTML 5Page - ON Semiconductor STK404-120N-E Datasheet HTML 6Page - ON Semiconductor STK404-120N-E Datasheet HTML 7Page - ON Semiconductor STK404-120N-E Datasheet HTML 8Page - ON Semiconductor STK404-120N-E Datasheet HTML 9Page - ON Semiconductor STK404-120N-E Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
STK404-120N-E
No.A2099-6/11
Pin Layout
[STK404-000Nsr Pin Layout]
1
2
3
4
5
6
7
8
9
10
(Size) 44.0mm
25.6mm8.5mm
1ch classAB/2.54mm
STK404-070N 60W/JEITA
I
N
/
C
H
1
N
F
/
C
H
1
S
U
B
-
P
R
E
+
P
R
E
+
p
o
w
e
r
T
R
-
p
o
w
e
r
T
R
-
V
C
C
+
V
C
C
O
U
T
/
C
H
1
1
2
3
4
5
6
7
8
9
10
11
12
(Size) 46.6mm
25.5mm8.5mm
1ch classAB/2.54mm
STK404-120N 120W/JEITA
T
H
I
N
/
C
H
1
N
F
/
C
H
1
S
U
B
-
P
R
E
+
P
R
E
+
p
o
w
e
r
T
R
-
p
o
w
e
r
T
R
-
V
C
C
+
V
C
C
O
U
T
/
C
H
1
-
O
U
T
/
C
H
1
+
1
2
3
4
5
6
7
8
9
10
11
12
13
(Size) 59.2mm
25.5mm8.5mm
1ch classAB/2.54mm
STK404-140N 180W/JEITA
T
H
1
T
H
2
I
N
/
C
H
1
N
F
/
C
H
1
S
U
B
-
P
R
E
+
P
R
E
+
p
o
w
e
r
T
R
-
p
o
w
e
r
T
R
-
V
C
C
+
V
C
C
O
U
T
/
C
H
1
-
O
U
T
/
C
H
1
+


유사한 부품 번호 - STK404-120N-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK404-120N-E SANYO-STK404-120N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC 120W
More results

유사한 설명 - STK404-120N-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK404-140N-E SANYO-STK404-140N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC
logo
ON Semiconductor
STK404-070N-E ONSEMI-STK404-070N-E Datasheet
284Kb / 10P
   1ch class-AB Audio Power IC
April, 2013
STK404-140N-E ONSEMI-STK404-140N-E Datasheet
332Kb / 11P
   1ch class-AB Audio Power IC
April, 2013
logo
Sanyo Semicon Device
STK404-070N-E SANYO-STK404-070N-E Datasheet
193Kb / 10P
   1ch class-AB Audio Power IC 60W
STK404-120N-E SANYO-STK404-120N-E Datasheet
213Kb / 11P
   1ch class-AB Audio Power IC 120W
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
STK433-330N-E ONSEMI-STK433-330N-E Datasheet
376Kb / 11P
   3ch class-AB Audio Power IC
April, 2013
STK433-040N-E ONSEMI-STK433-040N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
STK433-890N-E ONSEMI-STK433-890N-E Datasheet
459Kb / 12P
   4ch class-AB Audio Power IC
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com