전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA5756 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LA5756
상세설명  Separately-excited Step-down Switching Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA5756 데이터시트(HTML) 2 Page - ON Semiconductor

  LA5756 Datasheet HTML 1Page - ON Semiconductor LA5756 Datasheet HTML 2Page - ON Semiconductor LA5756 Datasheet HTML 3Page - ON Semiconductor LA5756 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LA5756
No.A1438-2/4
Electrical Characteristics at Ta
= 25°C, VO = 3.3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reference voltage
VOS
1.235
1.26
1.285
V
Efficiency
η
78
%
Switching frequency
f
VIN = 15V, IO = 1.0A
60
80
100
kHz
Line regulation
ΔVOLINE
VIN= 8 to 20V, IO=1.0A
40
100
mV
Load regulation
ΔVOLOAD
VIN = 15V, IO = 0.5 to 1.5A
10
30
mV
Output voltage temperature coefficient
ΔVO/ΔTa
Designed target value*
±0.5
mV/
°C
Ripple attenuation factor
RREJ
f = 100 to 120Hz
45
dB
Current limiter operating voltage
IS
VIN = 15V
4.2
A
Thermal shutdown operating temperature
TSD
Designed target value*
165
°C
Thermal shutdown hysteresis width
ΔTSD
Designed target value*
15
°C
* Designed target value: No measurement made.
Package Dimensions
unit : mm (typ)
3376
Pin Assignment
(1)VIN (2)SWOUT (3)GND (4)VOS (5)SS
SANYO : 220-5HMDB
0.9
1.3
4.5
0.8
1.7
(1.6)
12
5
0.4
10.0
10.4 MAX
3.6
7.05
3.15
140
120
100
80
60
40
20
0
-20
-30
0
2.0
4.0
6.0
8.0
MSG07021
160
10.0
7.5
5.6
3.3
1.75
Ambient temperature, Ta --
°C
Pd max -- Ta
100
×100×1.5mm3
50
×50×1.5mm3
30
×30×1.5mm3
No heat sink
Infinite heat sink
θjc=5°C
Al heat
sink
mounting
torque
39N
⋅cm
silicone
grease
applied


유사한 부품 번호 - LA5756

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA5756 SANYO-LA5756 Datasheet
125Kb / 4P
   Switching Regulator
More results

유사한 설명 - LA5756

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LA5724MC ONSEMI-LA5724MC Datasheet
158Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5735MC ONSEMI-LA5735MC Datasheet
78Kb / 6P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5779 ONSEMI-LA5779 Datasheet
62Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5744 ONSEMI-LA5744 Datasheet
75Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5774 ONSEMI-LA5774 Datasheet
65Kb / 5P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5779MP ONSEMI-LA5779MP Datasheet
122Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5759 ONSEMI-LA5759 Datasheet
90Kb / 4P
   Separately-excited Step-down Switching Regulator
August, 2013
LA5744MP ONSEMI-LA5744MP Datasheet
72Kb / 5P
   Separately-Excited Step-Down Switching Regulator
August, 2013
LA5757TP ONSEMI-LA5757TP Datasheet
71Kb / 6P
   Separately-excited Step-down Switching Regulator
August, 2013
logo
Sanyo Semicon Device
TN8D51A SANYO-TN8D51A Datasheet
177Kb / 11P
   Separately-Excited Step-Down Switching Regulator
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com