전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11970RV 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 LB11970RV
상세설명  Single-phase Full-wave Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11970RV 데이터시트(HTML) 6 Page - ON Semiconductor

  LB11970RV Datasheet HTML 1Page - ON Semiconductor LB11970RV Datasheet HTML 2Page - ON Semiconductor LB11970RV Datasheet HTML 3Page - ON Semiconductor LB11970RV Datasheet HTML 4Page - ON Semiconductor LB11970RV Datasheet HTML 5Page - ON Semiconductor LB11970RV Datasheet HTML 6Page - ON Semiconductor LB11970RV Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LB11970RV
No.A2095-6/7
*1. Power supply - GND wiring
PGND is connected to the motor power system while SGND is connected to the control circuit power system.
Wiring is made separately for PGND and SGND, and external parts of each control system are connected to SGND.
*2. Power stabilization capacitor for regeneration
CM capacitor is a power stabilizing capacitor for PWM drive and kick-back absorption and has the capacitance of
4.7
μF or more. Since this IC performs current regeneration with the lower Tr through switching of the upper Tr,
connect CM with the thick and shortest possible pattern between VM and PGND.
*3. Setting of the temperature detection variable speed
Setting of the triangular wave oscillation voltage
The rotation speed variable range for the temperature is set with the triangular wave oscillation voltage.
There are two setting methods as follows:
3-1 The upper voltage (VCPH) of triangular wave is determined by V[voltage of the R1 connection counterpart]
×
(R2/(R1+R2)) and the lower voltage (VCPL) of triangular wave is determined by V
× ((R2//R3) / (R1+R2//R3)).
3-2 The upper voltage (VCPH) of triangular wave is determined by V
× ((R2+R3) / (R1+R2+R3)) and the lower voltage
(VCPL) of triangular wave is determined by V
× (R2/(R1+R2)).
Setting of the thermostat
The resistance (RTU from VCC or 6VREG and the voltage generated through division of thermostat (TH) are input
in the VTH pin. When the voltage at the VTH pin drops below VCPL due to temperature change, the full speed
(thermostat input speed control side only) is obtained.
To set the full speed with the thermostat tripping, connect each pin of 3-3 to VCC and each input voltage is
generated by divided resistance from VCC. When the thermostat trips and the VTH pin is pulled up to VCC, the full
speed (thermostat input speed control side only) is obtained.
*4. Setting the current limiter
The current limiter is activated when the voltage between current detection resistors exceeds 0.48V between VCC and
VM.
The current limiter is activated at IO = 480mA when RL = 1Ω. Setting is made with the Rf resistance.
Short-circuit VCC and VM when the current limiter is not to be used.
When 12V is used, the current limiter must be applied at 1A or less if the coil resistance is 10
Ω or less.
*5. Hall input
Wiring must be as short as possible to prevent carrying of noise. The Hall input circuit is a comparator with
hysteresis of 20mV. The Hall input level is recommended to be three times (60mVp-p) or more of this hysteresis.
*6. Capacitor to set the PWM oscillation frequency
Oscillation with f = 25kHz occurs at CP = 100pF and PWM voltage width of 1.6V, and becomes the reference
frequency of PWM.
*7. RD output
This is the open collector output, the output "H (OFF)" at the time of "L", and a stop at the time of a turn. Keep this
output OPEN when not used.
*8. HB pin
Hall element bias pin, which is a 1.22V constant-voltage output pin
*9. RMI pin
Minimum speed setting pin for thermostat speed control, which must be pulled up with 6 VREG when not used.
By connecting the capacitor, the time to ignore thermostat input at startup can be set.
*10. PIN pin
Direct PWM speed control pin. Pull down the P-IN input to GND when not using this pin.
The lowest output DUTY setting is made with R4 and R5. Keep R5 open for stop with DUTY at 0%.


유사한 부품 번호 - LB11970RV

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11970FV SANYO-LB11970FV Datasheet
70Kb / 7P
   Monolithic Digital IC For Fan Motor Single-phase Full-wave Driver
More results

유사한 설명 - LB11970RV

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LV8063FA-BH ONSEMI-LV8063FA-BH Datasheet
208Kb / 8P
   Single-Phase Full-Wave Driver
May, 2013
logo
Sanyo Semicon Device
LB11660RV SANYO-LB11660RV Datasheet
78Kb / 9P
   Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB1862 ONSEMI-LB1862 Datasheet
84Kb / 6P
   Single-Phase Full-Wave Driver
May, 2013
LV8068V ONSEMI-LV8068V Datasheet
102Kb / 11P
   Single-Phase Full-Wave Driver
May, 2013
logo
Sanyo Semicon Device
LV8064TT SANYO-LV8064TT Datasheet
90Kb / 8P
   Single-Phase Full-Wave Driver
logo
ON Semiconductor
LB1862MC-AH ONSEMI-LB1862MC-AH Datasheet
97Kb / 7P
   Single-Phase Full-Wave Driver
May, 2013
LV8062FA ONSEMI-LV8062FA Datasheet
198Kb / 7P
   Single-Phase Full-Wave Driver
May, 2013
LV8163QA ONSEMI-LV8163QA Datasheet
370Kb / 7P
   Single-Phase Full-Wave Driver
May, 2013
LV8860V ONSEMI-LV8860V Datasheet
205Kb / 11P
   Single-Phase Full-Wave Driver
May, 2013
LA6581T-TE-L-H ONSEMI-LA6581T-TE-L-H Datasheet
65Kb / 4P
   BTL Driver Single-Phase Full-Wave
May, 2013
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com