전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GST40A18-P1J 데이터시트(Datasheet) 1 Page - Mean Well Enterprises Co., Ltd.

부품명 GST40A18-P1J
상세내용  40W AC-DC High Reliability Industrial Adaptor
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo 

   
 1 page
background image
40W AC-DC High Reliability Industrial Adaptor
GST40A series
■ Features
■ Applications
■ Model Encoding
-
A05
GST
P1J
40
Series name
Output wattage
IEC320-C14 AC inlet
Output voltage{
GST40A is a highly reliable, 40W desktop style single-output green adaptor series. This product is a class
power unit (with FG), equipped with a standard IEC320-C14 AC inlet and adopting the input range from
90VAC to 264VAC. The entire series supplies different models with output voltages ranging between 5VDC
and 48VDC that can satisfy the demands for various types of consumer electronic devices.
With the efficiency up to 92% and the extremely low no-load power consumption below 0.075W,GST40A is
compliant with USA EISA 2007/DoE, Canada NRCan, Australia and New Zealand MEPS, EU ErP,and Code
of Conduct (CoC) Version 5. The supreme feature allows the adaptor to save the energy when it is either
under the operating mode or the standby mode. The entire series utilizes the 94V-0 flame retardant plastic
case.GST40A is certified for the international safety regulations.
■ Description
File Name:GST40A-SPEC 2015-06-12
Universal AC input / Full range
3 pole AC inlet IEC320-C14
No load power consumption<0.075W
Energy efficiency Level VI
Comply with EISA 2007/DoE,NRCan,
AU/NZ MEPS,EU ErP and CoC Version 5
Class power (with earth pin)
Protections: Short circuit / Overload / Over voltage
Fully enclosed plastic case
Pass LPS
Fanless design with -30~+70 working temperature
LED indicator for power on
3 years warranty
Consumer electronic devices
Telecommunication devices
Office facilities
Industrial equipments
P1J: Plug for standard model,2.1 x5.5 x11mm,c+,tuning fork type
ψψ
DC plug type
Optional plug type available by customer requested




Html 페이지

1  2  3 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl