전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GST60A05-P1J 데이터시트(Datasheet) 3 Page - Mean Well Enterprises Co., Ltd.

부품명 GST60A05-P1J
상세내용  60W AC-DC High Reliability Industrial Adaptor
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo 

   
 3 page
background image
Derating Curve
Static Characteristics
Mechanical Specification
POWER LED
-V not connected to AC FG
Inside
Outside
70 10mm
±
11 0.5mm
±
UL2464 16AWG 1000 50mm for 5 ~ 9V
±
UL1185 16AWG 1000 50mm for 12 ~ 15V
±
UL1185 16AWG 1500 50mm for 18V
±
UL1185 18AWG 1800 50mm for 24 ~ 48V
±
ID 2.1 x OD 5.5
C"+"
125
AMBIENT TEMPERATURE ( )
-30
0
20
10
30
40
20
50
70
100
60
50
70
INPUT VOLTAGE (VAC) 60Hz
90
100
95
120
110
160
140
200
180
240
220
264
90
100
80
70
60
50
40
(HORIZONTAL)
Installation Manual
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
Plug Assignment
Standard plug: P1J
P/N
OUTPUT
P1J
CENTER
+
GST60A series
File Name:GST60A-SPEC 2015-06-12
Case No. GS60A
Unit:mm
60W AC-DC High Reliability Industrial Adaptor




Html 페이지

1  2  3 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl