전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GST90A15-P1M 데이터시트(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

부품명 GST90A15-P1M
상세설명  90W AC-DC High Reliability Industrial Adaptor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GST90A15-P1M 데이터시트(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  GST90A15-P1M Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GST90A15-P1M Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GST90A15-P1M Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GST90A series
■ Features
■ Applications
■ Model Encoding
-
A12
GST
P1M
90
Series name
Output wattage
IEC320-C14 AC inlet
Output voltage
DC plug type
P1M: Plug for standard model,2.5 x5.5 x11mm,c+,tuning fork type
ψψ
GST90A is a highly reliable, 90W desktop style single-output green adaptor series. This product is a class
power unit (with FG), equipped with a standard IEC320-C14 AC inlet and adopting the input range from
90VAC to 264VAC. The entire series supplies different models with output voltages ranging between 12VDC
and 48VDC that can satisfy the demands for various types of consumer electronic devices.
With the efficiency up to 91% and the extremely low no-load power consumption below 0.15W,GST90A is
compliant with USA EISA 2007/DoE, Canada NRCan, Australia and New Zealand MEPS, EU ErP,and Code of
Conduct (CoC) Version 5. The supreme feature allows the adaptor to save the energy when
it is either under the operating mode or the standby mode. The entire series utilizes the 94V-0 flame retardant
plastic case.GST90A is certified for the international safety regulations.
■ Description
File Name:GST90A-SPEC 2015-06-12
Universal AC input / Full range
3 pole AC inlet IEC320-C14
Built-in active PFC function
No load power consumption<0.15W
Energy efficiency Level VI
Comply with EISA 2007/DoE,NRCan,
AU/NZ MEPS,EU ErP and CoC Version 5
Class power (with earth pin)
Protections: Short circuit / Overload / Over voltage
/ Over temperature
Fully enclosed plastic case
Fanless design with -30~+70 working temperature
LED indicator for power on
3 years warranty
Consumer electronic devices
Telecommunication devices
Office facilities
Industrial equipments
{
Optional plug type available by customer requested
90W AC-DC High Reliability Industrial Adaptor


유사한 부품 번호 - GST90A15-P1M

제조업체부품명데이터시트상세설명
logo
Conquer Electronics Co....
GST-A.600 CONQUER-GST-A.600 Datasheet
211Kb / 1P
   5.2Ø x 20 mm
GST-A.630 CONQUER-GST-A.630 Datasheet
211Kb / 1P
   5.2Ø x 20 mm
GST-A.700 CONQUER-GST-A.700 Datasheet
211Kb / 1P
   5.2Ø x 20 mm
GST-A.750 CONQUER-GST-A.750 Datasheet
211Kb / 1P
   5.2Ø x 20 mm
GST-A.800 CONQUER-GST-A.800 Datasheet
211Kb / 1P
   5.2Ø x 20 mm
More results

유사한 설명 - GST90A15-P1M

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
GST25U MEANWELL-GST25U Datasheet
550Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST40A MEANWELL-GST40A Datasheet
406Kb / 3P
   40W AC-DC High Reliability Industrial Adaptor
GST220A MEANWELL-GST220A Datasheet
104Kb / 3P
   220W AC-DC High Reliability Industrial Adaptor
GST280A MEANWELL-GST280A Datasheet
154Kb / 4P
   280W AC-DC High Reliability Industrial Adaptor
GST18A MEANWELL-GST18A Datasheet
113Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST18U MEANWELL-GST18U Datasheet
525Kb / 3P
   18W AC-DC High Reliability Industrial Adaptor
GST25A MEANWELL-GST25A Datasheet
849Kb / 4P
   25W AC-DC High Reliability Industrial Adaptor
GST36E MEANWELL-GST36E Datasheet
91Kb / 3P
   36W AC-DC High Reliability Industrial Adaptor
GST360A MEANWELL-GST360A Datasheet
791Kb / 4P
   360W AC-DC High Reliability Industrial Adaptor
2022-04-19
GST36B MEANWELL-GST36B Datasheet
110Kb / 3P
   36W AC-DC High Reliability Industrial Adaptor
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com