전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GST90A19-P1M 데이터시트(Datasheet) 3 Page - Mean Well Enterprises Co., Ltd.

부품명 GST90A19-P1M
상세내용  90W AC-DC High Reliability Industrial Adaptor
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo 

   
 3 page
background image
Derating Curve
Static Characteristics
Mechanical Specification
AMBIENT TEMPERATURE ( )
0
-30
20
10
30
40
20
40
50
80
60
100
60
50
70
INPUT VOLTAGE (VAC) 60Hz
90
100
95
120
110
160
140
200
180
240
220
264
90
100
80
70
60
50
40
(HORIZONTAL)
70
10mm
±
11
0.5mm
±
145
32
POWER LED
-V not connected to AC FG
Inside
Outside
ID 2.5 x OD 5.5
C"+"
Ul1185 14AWG 1000
50mm for 12 ~ 15V
±
UL1185 16AWG 1200
50mm for 19 ~ 48V
±
GST90A series
File Name:GST90A-SPEC 2015-06-12
Case No. GS90A
Unit:mm
Installation Manual
Please refer to : http://www.meanwell.com/webnet/search/InstallationSearch.html
Plug Assignment
Standard plug: P1M
P/N
OUTPUT
P1M
CENTER
+
90W AC-DC High Reliability Industrial Adaptor




Html 페이지

1  2  3 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl