전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GST90A24-P1M 데이터시트(Datasheet) 2 Page - Mean Well Enterprises Co., Ltd.

부품명 GST90A24-P1M
상세내용  90W AC-DC High Reliability Industrial Adaptor
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo 

   
 2 page
background image
SPECIFICATION
GST90A series
File Name:GST90A-SPEC 2015-06-12
ORDER NO.
SAFETY MODEL NO.
DC VOLTAGE
Note.2
RATED CURRENT
CURRENT RANGE
RATED POWER (max.)
RIPPLE & NOISE (max.) Note.3
OUTPUT
VOLTAGE RANGE
Note.7
FREQUENCY RANGE
POWER FACTOR (Typ.)
EFFICIENCY (Typ.)
AC CURRENT (Typ.)
INPUT
ENVIRONMENT
INRUSH CURRENT (max.)
LEAKAGE CURRENT(max.)
SAFETY STANDARDS
SAFETY &
EMC
(Note. 8)
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
PROTECTION
GST90A15-P1M
GST90A12-P1M
GST90A19-P1M
GST90A24-P1M
GST90A48-P1M
15V
12V
GST90A15
GST90A12
19V
GST90A19
24V
GST90A24
48V
GST90A48
150mVp-p
120mVp-p
180mVp-p
200mVp-p
240mVp-p
VOLTAGE TOLERANCE Note.4
LINE REGULATION
Note.5
LOAD REGULATION
±5.0%
±5.0%
±4.0%
±3.0%
±2.5%
±1.0%
±1.0%
±1.0%
±1.0%
±1.0%
±5.0%
±5.0%
±4.0%
±3.0%
±2.5%
90 ~ 264VAC
127 ~ 370VDC
47 ~ 63Hz
PF>0.91 / 230VAC
PF>0.95 / 115VAC at full load
89.5%
89%
90%
90%
91%
1.3A / 115VAC
0.6A / 230VAC
70A / 230VAC
1mA / 240VAC
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P: 3KVAC
I/P-FG:2KVAC
O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25 / 70% RH
348.7K hrs min. MIL-HDBK-217F(25 )
-30 ~ +70
(Refer to "Derating Curve")
20% ~ 90% RH non-condensing
-40 ~ +85 , 10 ~ 95% RH
±℃
0.03% /
(0~40 )
10 ~ 500Hz, 2G 10min./1cycle, period for 60min. each along X, Y, Z axes
145*60*32mm (L*W*H)
0.45Kg; 30pcs/14.05Kg/1CUFT
CONNECTOR
PLUG
CABLE
See page 3 ; Other type available by customer requested
1. All parameters are specified at 230VAC input, rated load, 25 70% RH ambient.
2. DC voltage: The output voltage set at point measure by plug terminal & 50% load.
3. Ripple & noise are measured at 20MHz by using a 12" twisted pair terminated with a 0.1uf & 47uf capacitor.
4. Tolerance: includes set up tolerance, line regulation, load regulation.
5. Line regulation is measured from low line to high line at rated load.
6. Length of set up time is measured at first cold start. Turning ON/OFF the power supply may lead to increase of the set up time.
7. Derating may be needed under low input voltages. Pleas check the derating curve for more details.
8. The power supply is considered as an independent unit, but the final equipment still need to re-confirm that the whole system complies with the
EMC directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies.”
(as available on http://www.meanwell.com)
Compliance to EN61000-4-2,3,4,5,6,8,11, light industry level, criteria A
Compliance to EN55022 class B, EN61000-3-2,3, FCC PART 15 / CISPR22 class B, CNS13438 class B, GB9254, GB17625.1
OVERLOAD
OVER VOLTAGE
110 ~ 150% rated output power
Protection type : Hiccup mode, recovers automatically after fault condition is removed
105 ~ 135% rated output voltage
6A
6.67A
4.74A
3.75A
1.87A
0 ~ 6A
0 ~ 6.67A
0 ~ 4.74A
0 ~ 3.75A
0 ~ 1.87A
90W
80W
90W
90W
90W
Protection type : Shut down o/p voltage, re-power on to recover
SETUP, RISE TIME
Note.6
HOLD UP TIME (Typ.)
1000ms, 50ms / 230VAC
1000ms, 50ms / 115VAC at full load
20ms / 230VAC
20ms / 115VAC at full load
OVER TEMPERATURE
Shut down o/p voltage, re-power on to recover
EMC IMMUNITY
EMC EMISSION
See page 3 ; Other type available by customer requested
UL60950-1,
TUV EN60950-1, BSMI CNS14336
CSA C22.2,
, CCC GB4943,
approved
PSE J60950-1
90W AC-DC High Reliability Industrial Adaptor




Html 페이지

1  2  3 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl