전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

GST90A48-P1M 데이터시트(Datasheet) 1 Page - Mean Well Enterprises Co., Ltd.

부품명 GST90A48-P1M
상세내용  90W AC-DC High Reliability Industrial Adaptor
PDF  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  MEANWELL [Mean Well Enterprises Co., Ltd.]
홈페이지  http://www.meanwell.com
Logo 

   
 1 page
background image
GST90A series
■ Features
■ Applications
■ Model Encoding
-
A12
GST
P1M
90
Series name
Output wattage
IEC320-C14 AC inlet
Output voltage
DC plug type
P1M: Plug for standard model,2.5 x5.5 x11mm,c+,tuning fork type
ψψ
GST90A is a highly reliable, 90W desktop style single-output green adaptor series. This product is a class
power unit (with FG), equipped with a standard IEC320-C14 AC inlet and adopting the input range from
90VAC to 264VAC. The entire series supplies different models with output voltages ranging between 12VDC
and 48VDC that can satisfy the demands for various types of consumer electronic devices.
With the efficiency up to 91% and the extremely low no-load power consumption below 0.15W,GST90A is
compliant with USA EISA 2007/DoE, Canada NRCan, Australia and New Zealand MEPS, EU ErP,and Code of
Conduct (CoC) Version 5. The supreme feature allows the adaptor to save the energy when
it is either under the operating mode or the standby mode. The entire series utilizes the 94V-0 flame retardant
plastic case.GST90A is certified for the international safety regulations.
■ Description
File Name:GST90A-SPEC 2015-06-12
Universal AC input / Full range
3 pole AC inlet IEC320-C14
Built-in active PFC function
No load power consumption<0.15W
Energy efficiency Level VI
Comply with EISA 2007/DoE,NRCan,
AU/NZ MEPS,EU ErP and CoC Version 5
Class power (with earth pin)
Protections: Short circuit / Overload / Over voltage
/ Over temperature
Fully enclosed plastic case
Fanless design with -30~+70 working temperature
LED indicator for power on
3 years warranty
Consumer electronic devices
Telecommunication devices
Office facilities
Industrial equipments
{
Optional plug type available by customer requested
90W AC-DC High Reliability Industrial Adaptor




Html 페이지

1  2  3 


데이터시트




링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl