전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4936RLG 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 1N4936RLG
상세설명  Axial?묹ead Fast?뭃ecovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N4936RLG 데이터시트(HTML) 3 Page - ON Semiconductor

  1N4936RLG Datasheet HTML 1Page - ON Semiconductor 1N4936RLG Datasheet HTML 2Page - ON Semiconductor 1N4936RLG Datasheet HTML 3Page - ON Semiconductor 1N4936RLG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N4933, 1N4934, 1N4935, 1N4936, 1N4937
http://onsemi.com
3
Figure 3. Typical Capacitance
1
160
0
20
40
60
80
100
VR, REVERSE VOLTAGE (V)
10
120 140
180 200
TJ = 25°C
Figure 4. Current Derating
0
160
0
20
40
60
80
100
TA, AMBIENT TEMPERATURE (C)
1.8
120
140
qJA = 65°C/W
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
DC
ORDERING INFORMATION
Device
Package
Shipping
1N4933
Axial Lead*
1000 Units / Bag
1N4933G
Axial Lead*
1000 Units / Bag
1N4933RL
Axial Lead*
5000 / Tape & Reel
1N4933RLG
Axial Lead*
5000 / Tape & Reel
1N4934
Axial Lead*
1000 Units / Bag
1N4934G
Axial Lead*
1000 Units / Bag
1N4934RL
Axial Lead*
5000 / Tape & Reel
1N4934RLG
Axial Lead*
5000 / Tape & Reel
1N4935
Axial Lead*
1000 Units / Bag
1N4935G
Axial Lead*
1000 Units / Bag
1N4935RL
Axial Lead*
5000 / Tape & Reel
1N4935RLG
Axial Lead*
5000 / Tape & Reel
1N4936
Axial Lead*
1000 Units / Bag
1N4936G
Axial Lead*
1000 Units / Bag
1N4936RL
Axial Lead*
5000 / Tape & Reel
1N4936RLG
Axial Lead*
5000 / Tape & Reel
1N4937
Axial Lead*
1000 Units / Bag
1N4937G
Axial Lead*
1000 Units / Bag
1N4937RL
Axial Lead*
5000 / Tape & Reel
1N4937RLG
Axial Lead*
5000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


유사한 부품 번호 - 1N4936RLG

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
1N4936 MOTOROLA-1N4936 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
Digitron Semiconductors
1N4936 DIGITRON-1N4936 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
logo
Semikron International
1N4936 SEMIKRON-1N4936 Datasheet
144Kb / 2P
   Fast silicon rectifier diodes
logo
Dc Components
1N4936 DCCOM-1N4936 Datasheet
427Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
logo
Leshan Radio Company
1N4936 LRC-1N4936 Datasheet
238Kb / 8P
   Fast Switching Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results

유사한 설명 - 1N4936RLG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
1N5400 ONSEMI-1N5400_06 Datasheet
57Kb / 6P
   Axial?묹ead Standard Recovery Rectifiers
December, 2006 ??Rev. 9
logo
Weitron Technology
UF4001 WEITRON-UF4001 Datasheet
740Kb / 3P
   Axial Lead Ultra Fast Rectifiers
logo
ON Semiconductor
MR850 ONSEMI-MR850 Datasheet
43Kb / 4P
   Axial Lead Fast Recovery Rectifiers
July, 2006 ??Rev. 5
logo
Formosa MS
MUR4100 FORMOSA-MUR4100 Datasheet
100Kb / 6P
   Axial Leaded Ultra Fast Rectifiers
SF11G FORMOSA-SF11G Datasheet
144Kb / 6P
   Axial Leaded Super Fast Rectifiers
FR201G FORMOSA-FR201G_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR201 FORMOSA-FR201_17 Datasheet
96Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
FR301 FORMOSA-FR301_17 Datasheet
95Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
SF61G FORMOSA-SF61G Datasheet
122Kb / 6P
   Axial Leaded Super Fast Rectifiers
MUR460 FORMOSA-MUR460 Datasheet
99Kb / 6P
   Axial Leaded Ultra Fast Rectifiers
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com