전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BU-23-9 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 BU-23-9
상세설명  The BU??3 is used to Insulate BU??1 Series clips from foreign objects
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

BU-23-9 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  BU-23-9 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
Mueller Electric Company
Toll Free: 800.955.2629
1208 Massillon Rd. Ste. N-1500
www.muellerelectric.com
Phone: 330.780.2525
Akron, OH 44306-4524
Fax: 330.780.2524
 
 
BU‐23‐@ 
(Insulator for BU‐21 Series Clips) 
 
 
 The BU‐23 is used to Insulate BU‐21 Series clips from foreign objects. 
 
 Material:  Flexible PVC 
 Dielectric Strength:  5KV at thinnest cross section. 
 Operating temperature: ‐20⁰F (‐30⁰C) to 160⁰F  (71⁰C) 
 
 Length = 5.0” (127mm),  Large ID = 1.4” (36mm), Wire end ID = .52” (13mm) 
 
 Color:  “@” in part number is color.  Available  colors are:     
‐0 Black,   ‐2 Red,   ‐4 Yellow,   ‐5 Green,   ‐6 Blue,   ‐9 White 
 
 RoHS Compliant 
     
 


유사한 부품 번호 - BU-23-9

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BU-23-9 ETC2-BU-23-9 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
More results

유사한 설명 - BU-23-9

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
BU-13 ETC2-BU-13 Datasheet
147Kb / 1P
   The BU??3 is used to Insulate BU??1 series heavy duty grounding clips from foreign objects.
BU-49 ETC2-BU-49 Datasheet
147Kb / 1P
   Insulator for BU??8, BU??0, BU??1 and BU??5 Series Clips
BU-43PR ETC2-BU-43PR Datasheet
135Kb / 1P
   Insulator Pair for BU??1 Series Clips
BU-31 ETC2-BU-31 Datasheet
144Kb / 1P
   Insulator for BU??0BL AND BU??0TBO Series Alligator Clips
BU-74 ETC2-BU-74 Datasheet
144Kb / 1P
   Insulator for BU??5 Series Clips
BU-90 ETC2-BU-90 Datasheet
147Kb / 1P
   Insulator for BU??7 Series Clips
BU-47 ETC2-BU-47 Datasheet
145Kb / 1P
   Insulator for BU??5 Series Clips
BU-87 ETC2-BU-87 Datasheet
151Kb / 1P
   Insulator for BU??5 Series Clips
BU-36-0 ETC2-BU-36-0 Datasheet
834Kb / 1P
   Insulator for BU-34 Clips
BU-47-0 ETC2-BU-47-0 Datasheet
1Mb / 1P
   Insulator for BU-45 Clips
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com