전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK672-642AN-E 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 STK672-642AN-E
상세설명  2-phase Stepper Motor Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-642AN-E 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button STK672-642AN-E Datasheet HTML 2Page - ON Semiconductor STK672-642AN-E Datasheet HTML 3Page - ON Semiconductor STK672-642AN-E Datasheet HTML 4Page - ON Semiconductor STK672-642AN-E Datasheet HTML 5Page - ON Semiconductor STK672-642AN-E Datasheet HTML 6Page - ON Semiconductor STK672-642AN-E Datasheet HTML 7Page - ON Semiconductor STK672-642AN-E Datasheet HTML 8Page - ON Semiconductor STK672-642AN-E Datasheet HTML 9Page - ON Semiconductor STK672-642AN-E Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
STK672-642AN-E
No.A2277-6/28
Sample Application Circuit
Precautions
[GND wiring]
To reduce noise on the 5V/24V system, be sure to place the GND of C01 in the circuit given above as close as possible
to Pin 2 and Pin 6 of the hybrid IC.
In addition, in order to set the current accurately, the GND side of RO2 of Vref must be connected to the shared ground
terminal used by the Pin 18 (S.G) GND, P.G1 and P.G2.
[Input pins]
If VDD is being applied, use care that each input pin does not apply a negative voltage less than -0.3V to S. GND,
Pin 18. Measures must also be taken so that a voltage equal to or greater than VDD is not input.
Do not wire by connecting the circuit pattern on the P.C.B side to Pins 7, 8, or 11 on the N.C. shown in the internal
block diagram.
 Apply 2.5V high level input to pins 10, 12, 13, 14, 15, and 17.
 Since the input pins do not have built-in pull-up resistors, when the open-collector type pins 10, 12, 13, 14, 15, and 17
are used as inputs, a 1 to 20k
 pull-up resistor (to VDD) must be used.
At this time, use a device for the open collector driver that has output current specifications that pull the voltage down to
less than 0.8V at Low level (less than 0.8V at Low level when IOL=5mA).
[Current setting Vref]
Considering the specifications for the Vref input bias current IIB, we recommend a value 1k
 or less for R02.
If the motor current is temporarily reduced, the circuit given below(STK672-640AN/-642AN-E: IOH>0.3A)
is recommended.
5V
R01
R02
R3
5V
R02
R3
Vref
Vref
R01
STK672
-64xAN-E
+
9
12
10
17
13
15
14
16
19
18
6
2
5
4
1
3
VDD(5V)
CLOCK
MODE1
MODE2
CWB
ENABLE
RESETB
FAULT
A
AB
B
BB
Vref
R01
R03
R02
S.G
P.G1
P.G2
P.GND
VCC
24V
C01
at least 100
F
2 phase stepper motor driver
+
C02
10
F


유사한 부품 번호 - STK672-642AN-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK672-642A-E SANYO-STK672-642A-E Datasheet
134Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-642A-E SANYO-STK672-642A-E Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-642A-E ONSEMI-STK672-642A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK672-642A-E SANYO-STK672-642A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
More results

유사한 설명 - STK672-642AN-E

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
   2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
   2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com