전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54ABT373 데이터시트(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 54ABT373
상세설명  Octal Transparent Latch with TRI-STATE Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ABT373 데이터시트(HTML) 10 Page - National Semiconductor (TI)

Back Button 54ABT373 Datasheet HTML 6Page - National Semiconductor (TI) 54ABT373 Datasheet HTML 7Page - National Semiconductor (TI) 54ABT373 Datasheet HTML 8Page - National Semiconductor (TI) 54ABT373 Datasheet HTML 9Page - National Semiconductor (TI) 54ABT373 Datasheet HTML 10Page - National Semiconductor (TI) 54ABT373 Datasheet HTML 11Page - National Semiconductor (TI) 54ABT373 Datasheet HTML 12Page - National Semiconductor (TI) 54ABT373 Datasheet HTML 13Page - National Semiconductor (TI) 54ABT373 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
AC Loading
DS100206-4
*Includes jig and probe capacitance
FIGURE 1. Standard AC Test Load
DS100206-6
FIGURE 2. Test Input Signal Levels
Amplitude
Rep. Rate
t
w
t
r
t
f
3.0V
1 MHz
500 ns
2.5 ns
2.5 ns
FIGURE 3. Test Input Signal Requirements
DS100206-8
FIGURE 4. Propagation Delay Waveforms for
Inverting and Non-Inverting Functions
DS100206-5
FIGURE 5. Propagation Delay,
Pulse Width Waveforms
DS100206-7
FIGURE 6. TRI-STATE Output HIGH
and LOW Enable and Disable Times
DS100206-9
FIGURE 7. Setup Time, Hold Time
and Recovery Time Waveforms
www.national.com
10


유사한 부품 번호 - 54ABT373

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
54ABT373 NSC-54ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373CDCQB NSC-54ABT373CDCQB Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373CDCX NSC-54ABT373CDCX Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373CDMQB NSC-54ABT373CDMQB Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54ABT373CDMX NSC-54ABT373CDMX Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
More results

유사한 설명 - 54ABT373

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74ABT373 NSC-74ABT373 Datasheet
333Kb / 16P
   Octal Transparent Latch with TRI-STATE Outputs
54F373DM NSC-54F373DM Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT533 NSC-54FCT533 Datasheet
152Kb / 6P
   Octal Transparent Latch with TRI-STATE Outputs
54F533DM NSC-54F533DM Datasheet
166Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
54AC373 NSC-54AC373 Datasheet
166Kb / 10P
   Octal Transparent Latch with TRI-STATE Outputs
54FCT373 NSC-54FCT373 Datasheet
146Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
logo
Texas Instruments
JM54AC373BRA TI-JM54AC373BRA Datasheet
211Kb / 12P
[Old version datasheet]   54AC373 54ACT373 Octal Transparent Latch with TRI-STATE Outputs
54ACQ373 TI1-54ACQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACQ373 NSC-54ACQ373 Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
DM74AS533 NSC-DM74AS533 Datasheet
126Kb / 4P
   Octal D-Type Transparent Latch with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com