전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4-1WG2+ 데이터시트(PDF) 7 Page - Integrated Device Technology

부품명 TC4-1WG2+
상세설명  RF to IF Dual Downconverting Mixer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

TC4-1WG2+ 데이터시트(HTML) 7 Page - Integrated Device Technology

Back Button TC4-1WG2+ Datasheet HTML 3Page - Integrated Device Technology TC4-1WG2+ Datasheet HTML 4Page - Integrated Device Technology TC4-1WG2+ Datasheet HTML 5Page - Integrated Device Technology TC4-1WG2+ Datasheet HTML 6Page - Integrated Device Technology TC4-1WG2+ Datasheet HTML 7Page - Integrated Device Technology TC4-1WG2+ Datasheet HTML 8Page - Integrated Device Technology TC4-1WG2+ Datasheet HTML 9Page - Integrated Device Technology TC4-1WG2+ Datasheet HTML 10Page - Integrated Device Technology TC4-1WG2+ Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
RF to IF Dual Downconverting Mixer
3400MHz –3800MHz
IDT Zero-Distortion
TM Mixer
7
Rev1, December 2014
IDTF1178NBGI
Datasheet
TYPICAL OPERATING CONDITIONS
Unless otherwise noted, the following conditions apply to the Typ Ops Graphs:
• 5MHz Tone Spacing
• Low Side LO injection graphs with 300MHz &400MHz & 500MHz IF
• Pin = – 10 dBm per Tone
• LO port = Pin 19 (Main Port)
• Listed Temperatures are Case Temperature (TC = Case Temperature)
• Where noted, TA or TAMB = Ambient Temperature


유사한 부품 번호 - TC4-1WG2+

제조업체부품명데이터시트상세설명
logo
Mini-Circuits
TC4-1WG2++ MINI-TC4-1WG2+ Datasheet
114Kb / 1P
   RF Transformer
TC4-1WG2++ MINI-TC4-1WG2+ Datasheet
89Kb / 1P
   Surface Mount RF Transformer
More results

유사한 설명 - TC4-1WG2+

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1701NBGI IDT-IDTF1701NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
   RF Dual Wideband Gain-Settable Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com