전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4-6TG2 데이터시트(PDF) 4 Page - Integrated Device Technology

부품명 TC4-6TG2
상세설명  RF to IF Single Downconverting Mixer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

TC4-6TG2 데이터시트(HTML) 4 Page - Integrated Device Technology

  TC4-6TG2 Datasheet HTML 1Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 2Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 3Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 4Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 5Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 6Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 7Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 8Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
RF to IF Single Downconverting Mixer
600MHz to 1060MHz
IDT Zero-Distortion
TM Mixer
4
RevO December 2013
IDTF1701NBGI
Datasheet
IDTF1701 SPECIFICATION
Refer to Typical Application Circuit when operated with VCC = +5.0V, TC= +25°C, FRF = 950 MHz, FIF = 200 MHz, FLO = 1150 MHz, PLO = 0
dBm, output power = +1dBm per tone, STBY = GND unless otherwise noted. Transformer loss is de-embedded unless otherwise noted.
Parameter
Comment
Symbol
min
typ
max
units
Logic Input High
For Standby Pin
VIH
2
V
Logic Input Low
For Standby Pin
VIL
0.8
1
V
Logic Current
For Standby Pin
IIH, IIL
-1
+1
μA
Supply Current
Total VCC
ISUPP
184
210
mA
Supply Current
Standby Mode
STBY = V
IH
ISTBY
20
25
mA
LO Power
PLO
-3
2
+3
dBm
Settling Time
 Pin = -13 dBm
 Gate STBY from V
IH to VIL
 Time for IF Signal to settle to within
1 dB of final value
TSETT
130
nsec
Gain
F
RF = 600MHz
F
LO = 800MHz
GLB
11.3
dB
F
RF = 950MHz
F
LO = 1150MHz
GMB
10.9
11.8
12.6
F
RF = 1060MHz
F
LO = 1260MHz
GHB
11.4
Noise Figure
NF
9.2
dB
NF w/Blocker
-100 MHz offset blocker
P
BLKR = +4 dBm
NFBLK
17.5
dB
Output IP3
F
RF1 = 950MHz
F
LO = 1150MHz
P
IN = -10dBm per tone
5MHz Tone Separation
IP3oHSLO
36
43
dBm
F
RF1 = 950MHz
F
LO = 750MHz
P
IN = -10dBm per tone
5MHz Tone Separation
IP3oLSLO
42
2RF
– 2LO rejection
P
RF = -10dBm
Frequency = 1050MHz
2x2
-77
-72
dBc
2
nd Harmonic
Pout = -3dBm
H2
-78
-72
dBc


유사한 부품 번호 - TC4-6TG2

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
TC4-6TG2 IDT-TC4-6TG2 Datasheet
1Mb / 25P
   DPD Demodulator for PA Linearization
TC4-6TG2 IDT-TC4-6TG2 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
TC4-6TG2 IDT-TC4-6TG2 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Mini-Circuits
TC4-6TG2 MINI-TC4-6TG2 Datasheet
224Kb / 1P
   RF Transformer
logo
Renesas Technology Corp
TC4-6TG2 RENESAS-TC4-6TG2 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
More results

유사한 설명 - TC4-6TG2

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
logo
Linear Technology
LTC5567 LINER-LTC5567 Datasheet
192Kb / 4P
   300MHz to 4GHz Active Downconverting Mixer with Wideband IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com