전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4-6TG2 데이터시트(PDF) 11 Page - Integrated Device Technology

부품명 TC4-6TG2
상세설명  RF to IF Single Downconverting Mixer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

TC4-6TG2 데이터시트(HTML) 11 Page - Integrated Device Technology

Back Button TC4-6TG2 Datasheet HTML 7Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 8Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 9Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 10Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 11Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 12Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 13Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 14Page - Integrated Device Technology TC4-6TG2 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
RF to IF Single Downconverting Mixer
600MHz to 1060MHz
IDT Zero-Distortion
TM Mixer
11
RevO December 2013
IDTF1701NBGI
Datasheet
TOCS [IF = 200MHZ, HIGH SIDE INJECTION] RF to IF leakage, OIP3, HD2 (5)
RF to IF leakage vs. TCASE
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
650
750
850
950
1050
RF Frequency (MHz)
105degC - +5.0V - 0dBm
25degC - +5.0V - 0dBm
-40degC - +5.0V - 0dBm
RF to IF leakage vs. Vcc
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
650
750
850
950
1050
RF Frequency (MHz)
25degC - +4.75V - 0dBm
25degC - +5.0V - 0dBm
25degC - +5.25V - 0dBm
HD2 vs. Input power
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
Input Power (dBm)
25degC - +5.0V - 0dBm - 650MHz
25degC - +5.0V - 0dBm - 800MHz
25degC - +5.0V - 0dBm - 950MHz
25degC - +5.0V - 0dBm - 1100MHz
RF to IF leakage vs. Lo Level
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
650
750
850
950
1050
RF Frequency (MHz)
25degC - +5.0V - 0dBm
25degC - +5.0V - 3dBm
25degC - +5.0V - -3dBm
OIP3 vs. Input power
0
5
10
15
20
25
30
35
40
45
50
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
Input Power (dBm)
25degC - +5.0V - 0dBm - 650MHz
25degC - +5.0V - 0dBm - 800MHz
25degC - +5.0V - 0dBm - 950MHz
25degC - +5.0V - 0dBm - 1100MHz
OIP3 vs. Delta Frequency of two tones
0
5
10
15
20
25
30
35
40
45
50
0.8
2.8
4.8
6.8
8.8
10.8 12.8 14.8 16.8 18.8 20.8 22.8 24.8 26.8 28.8 30.8
Two tones Delta Frequency (MHz)
25degC - +5.0V - 0dBm - 650MHz
25degC - +5.0V - 0dBm - 800MHz
25degC - +5.0V - 0dBm - 950MHz
25degC - +5.0V - 0dBm - 1100MHz


유사한 부품 번호 - TC4-6TG2

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
TC4-6TG2 IDT-TC4-6TG2 Datasheet
1Mb / 25P
   DPD Demodulator for PA Linearization
TC4-6TG2 IDT-TC4-6TG2 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
TC4-6TG2 IDT-TC4-6TG2 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Mini-Circuits
TC4-6TG2 MINI-TC4-6TG2 Datasheet
224Kb / 1P
   RF Transformer
logo
Renesas Technology Corp
TC4-6TG2 RENESAS-TC4-6TG2 Datasheet
1Mb / 27P
   DPD Demodulator for PA Linearization, 1300MHz to 2900MHz
January 21, 2020
More results

유사한 설명 - TC4-6TG2

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDTF1751NBGI IDT-IDTF1751NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
IDTF1763NBGI IDT-IDTF1763NBGI Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
   RF to IF Dual Downconverting Mixer
logo
Integrated Device Techn...
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
   RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
   RF to IF Dual Downconverting Mixer
F1100 IDT-F1100 Datasheet
956Kb / 17P
   RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
   RF to IF Dual Downconverting Mixer
logo
Linear Technology
LTC5567 LINER-LTC5567 Datasheet
192Kb / 4P
   300MHz to 4GHz Active Downconverting Mixer with Wideband IF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com