전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM359 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 LM359
상세설명  Dual, High Speed, Programmable, Current Mode (Norton) Amplifiers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM359 데이터시트(HTML) 11 Page - Texas Instruments

Back Button LM359 Datasheet HTML 7Page - Texas Instruments LM359 Datasheet HTML 8Page - Texas Instruments LM359 Datasheet HTML 9Page - Texas Instruments LM359 Datasheet HTML 10Page - Texas Instruments LM359 Datasheet HTML 11Page - Texas Instruments LM359 Datasheet HTML 12Page - Texas Instruments LM359 Datasheet HTML 13Page - Texas Instruments LM359 Datasheet HTML 14Page - Texas Instruments LM359 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LM359
www.ti.com
SNOSBT4C – MAY 1999 – REVISED MARCH 2013
(1)
where Ccomp is the total capacitance from the compensation pin (pin 3 or pin 13) to ground, AVOL is the low
frequency open loop voltage gain in V/V and an ambient temperature of 25°C is assumed (KT/q = 26 mV and
βtyp = 150). ISET(IN) also controls the DC input bias current by the expression:
(2)
which is important for DC biasing considerations.
The total device supply current (for both amplifiers) is also a direct function of the set currents and can be
approximated by:
Isupply ≃ 27 × ISET(OUT) + 11 × ISET(IN)
(3)
with each set current programmed by individual resistors.
PROGRAMMING WITH A SINGLE RESISTOR
Operating current programming may also be accomplished using only one resistor by letting ISET(IN) equal
ISET(OUT). The programming current is now referred to as ISET and it is created by connecting a resistor from pin 1
to pin 8 (Figure 30).
(4)
ISET(IN) = ISET(OUT) = ISET
Figure 30. Single Resistor Programming of ISET
This configuration does not affect any of the internal set current dependent parameters differently than previously
discussed except the total supply current which is now equal to:
Isupply ≃ 37 × ISET
(5)
Care must be taken when using resistors to program the set current to prevent significantly increasing the supply
voltage above the value used to determine the set current. This would cause an increase in total supply current
due to the resulting increase in set current and the maximum device power dissipation could be exceeded. The
set resistor value(s) should be adjusted for the new supply voltage.
One method to avoid this is to use an adjustable current source which has voltage compliance to generate the
set current as shown in Figure 31.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM359


유사한 부품 번호 - LM359

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM359 NSC-LM359 Datasheet
742Kb / 24P
   Dual, High Speed, Programmable, Current Mode Norton Amplifiers
logo
Texas Instruments
LM359 TI-LM359 Datasheet
1Mb / 34P
[Old version datasheet]   LM359 Dual, High Speed, Programmable, Current Mode (Norton) Amplifiers
logo
National Semiconductor ...
LM3590 NSC-LM3590 Datasheet
205Kb / 9P
   LM3590Series White LED Driver
LM3595 NSC-LM3595 Datasheet
233Kb / 11P
   The LM3595 is a parallel white-LED driver that is capable of driving four white LEDs.
LM3595LD NSC-LM3595LD Datasheet
233Kb / 11P
   The LM3595 is a parallel white-LED driver that is capable of driving four white LEDs.
More results

유사한 설명 - LM359

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM359 NSC-LM359 Datasheet
742Kb / 24P
   Dual, High Speed, Programmable, Current Mode Norton Amplifiers
logo
Texas Instruments
LM359MX TI-LM359MX Datasheet
1Mb / 34P
[Old version datasheet]   LM359 Dual, High Speed, Programmable, Current Mode (Norton) Amplifiers
logo
NTE Electronics
NTE869 NTE-NTE869 Datasheet
25Kb / 3P
   Integrated Circuit Dual, High Speed, Programmable Current Mode (Norton) Amp
logo
Texas Instruments
LM2900DE4 TI-LM2900DE4 Datasheet
618Kb / 16P
[Old version datasheet]   QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
LM2900J TI-LM2900J Datasheet
618Kb / 16P
[Old version datasheet]   QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT6210 LINER-LT6210_15 Datasheet
351Kb / 18P
   Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
LT6211 LINER-LT6211_15 Datasheet
351Kb / 18P
   Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
LT6210 LINER-LT6210 Datasheet
457Kb / 16P
   Single/Dual Programmable Supply Current, R-R Output, Current Feedback Amplifiers
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
   HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
TS512 STMICROELECTRONICS-TS512 Datasheet
54Kb / 7P
   HIGH SPEED PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com