전자부품 데이터시트 검색엔진 |
|
TL064ACDE4 데이터시트(PDF) 7 Page - Texas Instruments |
|
TL064ACDE4 데이터시트(HTML) 7 Page - Texas Instruments |
7 / 52 page TL061, TL061A, TL061B TL062, TL062A, TL062B, TL064, TL064A, TL064B www.ti.com SLOS078L – NOVEMBER 1978 – REVISED MAY 2015 6.8 Electrical Characteristics for TL06xxC and TL06xI VCC± = ±15 V (unless otherwise noted) TL061BC, TL062BC, TL061I, TL062I, TL064I TL064BC PARAMETER TEST CONDITIONS(1) UNIT MIN TYP MAX MIN TYP MAX TA = 25°C 2 3 3 6 VIO Input offset voltage VO = 0, RS = 50 Ω mV TA = Full range 5 9 Temperature coefficient αVIO VO = 0, RS = 50 Ω, TA = Full range 10 10 μV/°C of input offset voltage TA = 25°C 5 100 5 100 pA IIO Input offset current VO = 0 TA = Full range 3 10 nA TA = 25°C 30 200 30 200 pA IIB Input bias current(2) VO = 0 TA = Full range 7 20 nA –12 –12 Common-mode input VICR TA = 25°C ±11 to ±11 to V voltage range 15 15 RL = 10 kΩ, TA = 25°C ±10 ±13.5 ±10 ±13.5 Maximum peak output VOM V voltage swing RL ≥ 10 kΩ, TA = Full range ±10 ±10 TA = 25°C 4 6 4 6 Large-signal differential VO = ±10 V, AVD V/mV voltage amplification RL ≥ 2 kΩ TA = Full range 4 4 B1 Unity-gain bandwidth RL = 10 kΩ, TA = 25°C 1 1 MHz ri Input resistance TA = 25°C Ω 1012 1012 Common-mode VIC = VICRmin, CMRR 80 86 80 86 dB rejection ratio VO = 0, RS = 50 Ω, TA = 25°C Supply-voltage VCC = ±9 V to ±15 V, kSVR rejection ratio 80 95 80 95 dB VO = 0, RS = 50 Ω, TA = 25°C ( ΔVCC±/ΔVIO) Total power dissipation PD VO = 0, No load, TA = 25°C 6 7.5 6 7.5 mW (each amplifier) Supply current ICC VO = 0, No load, TA = 25°C 200 250 200 250 µA (each amplifier) VO1/VO2 Crosstalk attenuation AVD = 100, TA = 25°C 120 120 dB (1) All characteristics are measured under open-loop conditions with zero common-mode input voltage, unless otherwise specified. Full range for TA is 0°C to 70°C for TL06xC, TL06xAC, and TL06xBC and –40°C to 85°C for TL06xI. (2) Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as shown in Figure 12. Pulse techniques are used to maintain the junction temperature as close to the ambient temperature as possible. 6.9 Electrical Characteristics for TL06xM and TL064M VCC± = ±15 V (unless otherwise noted) TL061M, TL062M TL064M PARAMETER TEST CONDITIONS(1) UNIT MIN TYP MAX MIN TYP MAX TA = 25°C 3 6 3 9 VIO Input offset voltage VO = 0, RS = 50 Ω mV TA = –55°C to 9 15 125°C Temperature coefficient VO = 0, RS = 50 Ω, αVIO 10 10 μV/°C of input offset voltage TA = –55°C to 125°C TA = 25°C 5 100 5 100 pA IIO Input offset current VO = 0 TA = –55°C 20(2) 20(2) nA TA = 125°C 20 20 TA = 25°C 30 200 30 200 pA IIB Input bias current(3) VO = 0 TA = –55°C 50(2) 50(2) nA TA = 125°C 50 50 –12 –12 Common-mode input VICR TA = 25°C ±11 to ±11 to V voltage range 15 15 (1) All characteristics are measured under open-loop conditions, with zero common-mode voltage, unless otherwise specified. (2) This parameter is not production tested. (3) Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as shown in Figure 12. Pulse techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Copyright © 1978–2015, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: TL061 TL061A TL061B TL062 TL062A TL062B TL064 TL064A TL064B |
유사한 부품 번호 - TL064ACDE4 |
|
유사한 설명 - TL064ACDE4 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |