전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL064CP 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TL064CP
상세설명  Low-Power JFET-Input Operational Amplifiers
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TL064CP 데이터시트(HTML) 1 Page - Texas Instruments

  TL064CP Datasheet HTML 1Page - Texas Instruments TL064CP Datasheet HTML 2Page - Texas Instruments TL064CP Datasheet HTML 3Page - Texas Instruments TL064CP Datasheet HTML 4Page - Texas Instruments TL064CP Datasheet HTML 5Page - Texas Instruments TL064CP Datasheet HTML 6Page - Texas Instruments TL064CP Datasheet HTML 7Page - Texas Instruments TL064CP Datasheet HTML 8Page - Texas Instruments TL064CP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
+
IN+
IN−
OUT
OFFSET N1
Offset Null/Compensation
TL061 Only
OFFSET N2
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TL061, TL061A, TL061B
TL062, TL062A, TL062B, TL064, TL064A, TL064B
SLOS078L – NOVEMBER 1978 – REVISED MAY 2015
TL06xx Low-Power JFET-Input Operational Amplifiers
1 Features
2 Applications
1
Very Low Power Consumption
Tablets
Typical Supply Current: 200
μA (Per Amplifier)
White goods
Wide Common-Mode and Differential Voltage
Personal electronics
Ranges
Computers
Low Input Bias and Offset Currents
3 Description
Common-Mode Input Voltage Range
The JFET-input operational amplifiers of the TL06x
Includes VCC+
series are designed as low-power versions of the
Output Short-Circuit Protection
TL08x series amplifiers. They feature high input
High Input Impedance: JFET-Input Stage
impedance, wide bandwidth, high slew rate, and low
Internal Frequency Compensation
input offset and input bias currents. The TL06x series
features the same terminal assignments as the TL07x
Latch-Up-Free Operation
and TL08x series.
High Slew Rate: 3.5 V/
μs Typical
On Products Compliant to MIL-PRF-38535,
Device Information(1)
All Parameters Are Tested Unless Otherwise
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Noted. On All Other Products, Production
TL06xxD
SOIC (14)
8.65 mm × 3.91 mm
Processing Does Not Necessarily Include Testing
TL06xxJ
CDIP (14)
19.56 mm × 6.92 mm
of All Parameters.
TL06xxN
PDIP (14)
19.30 mm × 6.35 mm
TL06xxNS
SO (14)
10.30 mm × 5.30 mm
TL06xxPW
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Schematic Symbol
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


유사한 부품 번호 - TL064CP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL064CPW TI-TL064CPW Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064CPW TI-TL064CPW Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064CPW TI-TL064CPW Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064CPW TI-TL064CPW Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL064CPW TI-TL064CPW Datasheet
2Mb / 52P
[Old version datasheet]   TL06xx Low-Power JFET-Input Operational Amplifiers
More results

유사한 설명 - TL064CP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL061 TI-TL061 Datasheet
369Kb / 23P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
TL061 TI-TL061_09 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35181 MOTOROLA-MC35181 Datasheet
417Kb / 9P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
logo
Texas Instruments
TL061 TI-TL061_10 Datasheet
1Mb / 42P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
TL062 MOTOROLA-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL061 TI-TL061_06 Datasheet
975Kb / 39P
[Old version datasheet]   LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL062 ONSEMI-TL062 Datasheet
207Kb / 12P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 REV 5
logo
Texas Instruments
TL061 TI-TL061_V01 Datasheet
2Mb / 52P
[Old version datasheet]   TL06xx Low-Power JFET-Input Operational Amplifiers
logo
ON Semiconductor
TL071C ONSEMI-TL071C Datasheet
169Kb / 8P
   LOW NOISE, JFET INPUT OPERATIONAL AMPLIFIERS
1997 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com