전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL084CN 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TL084CN
상세설명  JFET-Input Operational Amplifiers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TL084CN 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TL084CN Datasheet HTML 7Page - Texas Instruments TL084CN Datasheet HTML 8Page - Texas Instruments TL084CN Datasheet HTML 9Page - Texas Instruments TL084CN Datasheet HTML 10Page - Texas Instruments TL084CN Datasheet HTML 11Page - Texas Instruments TL084CN Datasheet HTML 12Page - Texas Instruments TL084CN Datasheet HTML 13Page - Texas Instruments TL084CN Datasheet HTML 14Page - Texas Instruments TL084CN Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
− 50
0.01
TA − Free-Air Temperature − C
°
125
100
− 25
0
25
50
75
100
0.1
1
10
V CC± = 15 V
±
−6
t − Time − µs
3.5
6
0
0.5
1
1.5
2
2.5
3
−4
−2
0
2
4
Output
Input
VCC± = ±15 V
RL = 2 k
TA = 25°C
CL = 100 pF
−75
0
TA − Free-Air Temperature − °C
125
2
−50
−25
0
25
50
75
100
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
VCC± = ±15 V
No Signal
No Load
0
0
|VCC±| − Supply Voltage − V
16
2
2
4
6
8
10
12
14
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
TA = 25°C
No Signal
No Load
See Figure 3
TA = 25 C
°
C2 = 3 pF
VCC± = 15 V
±
105
104
103
102
10
1 M
100 k
10 k
1 k
106
10 M
f − Frequency With Feed-Forward Compensation − Hz
1
100
− 75
0
TA − Free-Air Temperature −C
°
125
250
− 50
−25
0
25
50
75
100
25
50
75
100
125
150
175
200
225
VCC± = 15 V
±
No Signal
No Load
TL084, TL085
TL082, TL083
TL081
TL081, TL081A, TL081B, TL082, TL082A
TL082B, TL084, TL084A, TL084B
www.ti.com
SLOS081I – FEBRUARY 1977 – REVISED MAY 2015
Figure 10. Total Power Dissipation
Figure 9. Differential Voltage Amplification
vs
vs
Free-Air Temperature
Frequency with Feed-Forward Compensation
Figure 11. Supply Current per Amplifier
Figure 12. Supply Current per Amplifier
vs
vs
Free-Air Temperature
Supply Voltage
Figure 14. Voltage-Follower Large-Signal Pulse Response
Figure 13. Input Bias Current
vs
Free-Air Temperature
Copyright © 1977–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TL081 TL081A TL081B TL082 TL082A TL082B TL084 TL084A TL084B


유사한 부품 번호 - TL084CN

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
TL084CN MOTOROLA-TL084CN Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL084CN TI1-TL084CN Datasheet
1Mb / 45P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
TL084CN ONSEMI-TL084CN Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
REV 1
logo
Texas Instruments
TL084CN TI-TL084CN Datasheet
4Mb / 66P
[Old version datasheet]   TL08xx FET-Input Operational Amplifiers
logo
STMicroelectronics
TL084CN STMICROELECTRONICS-TL084CN Datasheet
113Kb / 11P
   GENERAL PURPOSEJ-FET QUAD OPERATIONAL AMPLIFIERS
January 1999
More results

유사한 설명 - TL084CN

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com