전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A-1966 데이터시트(PDF) 1 Page - Amphenol Corporation

부품명 A-1966
상세설명  HVAC Duct Temperature Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMPHENOL [Amphenol Corporation]
홈페이지  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

A-1966 데이터시트(HTML) 1 Page - Amphenol Corporation

  A-1966 Datasheet HTML 1Page - Amphenol Corporation A-1966 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HVAC Duct Temperature Sensor
A-1996
Applications
• HVAC vent temperature (automotive)
• In cabin temperature (automotive)
• Air Temperature
• HVACAirflowmonitoring(industrial)
• Industrialautomation–Ambientenvironmentand
processmonitoring
Features
• HighaccuracyOEMsensor
• HighSensitivity&reliability
• Excellentinterchangeability
• HighReliability
• Twistandlockinstallation
Amphenol
Advanced Sensors
Thermometric’sductsensorsareOEMsolutionsformeasuringthetemperatureofairinventilationducts.
Thetemperaturereadingiswiredtoacontrolmodule,wherethesystemcomparesthetemperaturereading
toatemperatureset-pointandadjustsoutputsaccordingly.
Specifications
• Part Number: A-1996
• MatingconnectorDelphipartnumber:12047662
• Resistanceat25°C:2,795ohms±2.50%
• Beta(25/85):4073
• Plastic:Nylon


유사한 부품 번호 - A-1966

제조업체부품명데이터시트상세설명
logo
Gaomi Xinghe Electronic...
A-1 GXELECTRONICS-A-1 Datasheet
382Kb / 2P
   Glass passivated device
logo
Fujitsu Component Limit...
A-1.5W-K FUJITSU-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES-1 to 2 A (FOR SIGNAL SWITCHING)
logo
Lite-On Technology Corp...
A-1.5W-K LITEON-A-1.5W-K Datasheet
690Kb / 8P
   MINIATURE RELAY 2 POLES?? to 2 A (FOR SIGNAL SWITCHING
logo
List of Unclassifed Man...
A-1001E ETC1-A-1001E Datasheet
96Kb / 1P
   SINGLE DIGIT DISPLAY
logo
PARA LIGHT ELECTRONICS ...
A-1001E PARALIGHT-A-1001E Datasheet
196Kb / 10P
   1.00 INCH SINGLE DIGIT DISPLAY
More results

유사한 설명 - A-1966

제조업체부품명데이터시트상세설명
logo
Greystone Energy System...
PS-TE200BB GREYSTONE-PS-TE200BB Datasheet
156Kb / 1P
   DUCT TEMPERATURE SENSOR
02/20
logo
Sciosense B.V.
DPS1 SCIOSENSE-DPS1 Datasheet
1Mb / 2P
   Automotive HVAC Air Duct Dewpoint Sensor for Optimal Evaporator Control
logo
BELIMO AIRCONTROLS (USA...
01DT-5MH BELIMO-01DT-5MH Datasheet
405Kb / 4P
   Duct / Immersion Temperature Sensor
01DT-5QH BELIMO-01DT-5QH Datasheet
405Kb / 4P
   Duct / Immersion Temperature Sensor
22DC-53 BELIMO-22DC-53 Datasheet
516Kb / 4P
   Duct Sensor CO??/ Temperature
01DT-5AH BELIMO-01DT-5AH Datasheet
405Kb / 4P
   Duct / Immersion Temperature Sensor
22DTC-5105 BELIMO-22DTC-5105 Datasheet
426Kb / 3P
   Duct Sensor CO??/ Temperature
22DTH-51M BELIMO-22DTH-51M Datasheet
569Kb / 5P
   Duct Sensor Humidity / Temperature
01DT-5BH BELIMO-01DT-5BH Datasheet
404Kb / 4P
   Duct / Immersion Temperature Sensor
01DT-5EH BELIMO-01DT-5EH Datasheet
404Kb / 4P
   Duct / Immersion Temperature Sensor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com