전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

K104 데이터시트(PDF) 2 Page - KODENSHI_AUK CORP.

부품명 K104
상세설명  Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

K104 데이터시트(HTML) 2 Page - KODENSHI_AUK CORP.

  K104 Datasheet HTML 1Page - KODENSHI_AUK CORP. K104 Datasheet HTML 2Page - KODENSHI_AUK CORP. K104 Datasheet HTML 3Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photocoupler
MAXIMUM RATINGS
(Ta=25℃ )
*1. Input current with 100
µs pulse width, 1% duty cycle
*2. Measured at RH=40~60% for 1min
*3. 1/16 inch form case for 10sec
ELECTRO-OPTICAL CHARACTERISTICS
(Ta=25℃ , unless otherwise noted)
IF=10mA
VR=5V
V=0, f=1MHz
IC=0.5mA
IE=0.1mA
IF=0, VCE=24V
VCE=0, f=1MHz
IF=5mA, VCE=5V
IF=5mA, IC=1mA
V=0, f=1MHz
VCE=5V, RL=100
IC=2mA
*4. CTR=(IC/IF) X 100 (%)
Parameter
Symbol
Rating
Unit
Input
Forward Current
IF
Reverse Voltage
VR
Peak Forward Current
*1
IFP
Power Dissipation
PD
50
mA
5
V
1
A
70
mW
Output
Collector-Emitter Breakdown Voltage
BVCEO
50
Emitter-Collector Breakdown Voltage
BVECO
6
Collector Current
IC
50
V
V
mA
Collector Power Dissipation
PC
150
mW
Input to Output Isolation Voltage
*2
Viso
AC3750
Vrms
Storage Temperature
Tstg
-55~+125
Operating Temperature
Topr
-30~+100
Total Power Dissipation
Ptot
200
mW
Collector Dark Current
Input-Output Isolation Resistance
Input-Output Capacitance
Capacitance
Current Transfer Ratio
*4
Collector-Emitter Saturation Voltage
Input
Output
Forward Voltage
Capacitance
Reverse Current
Collector-Emitter Breakdown Voltage
Emitter-Collector Breakdown Voltage
600
-
-
tr
-
RIO
0.15
1
10
11
CIO
V
V
nA
-
pF
%
V
pF
-
pF
Symbol
VF
IR
Max.
1.30
10
-
-
-
100
-
Unit.
-
-
0.4
-
-
3
-
-
Typ.
1.15
V
K101 • K102 • K104
Parameter
Lead Soldering Temperature
*3
Tsol
260
-
Min.
-
-
50
6
-
30
50
3
-
-
-
10
-
tf
CT
BVCEO
CTR
VCE(SAT)
BVECO
ICEO
CCE
RH=40~60%, V=500V
Coupled
Rise Time
Fall Time
Condition
2/3


유사한 부품 번호 - K104

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
K104K15X7RF5.H5 VISHAY-K104K15X7RF5.H5 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K104K15X7RF5.H5 VISHAY-K104K15X7RF5.H5 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
K104K15X7RF5.L2 VISHAY-K104K15X7RF5.L2 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K104K15X7RF5.L2 VISHAY-K104K15X7RF5.L2 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
K104K15X7RF53L2 VISHAY-K104K15X7RF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors
Revision: 18-Sep-06
More results

유사한 설명 - K104

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
PC-17K1 KODENSHI-PC-17K1 Datasheet
533Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N26 KODENSHI-K4N26 Datasheet
699Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N27 KODENSHI-K4N27 Datasheet
203Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N38 KODENSHI-K4N38 Datasheet
191Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K3610 KODENSHI-K3610 Datasheet
193Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
PC-17L1 KODENSHI-PC-17L1 Datasheet
288Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N25 KODENSHI-K4N25 Datasheet
256Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N35 KODENSHI-K4N35 Datasheet
157Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K301 KODENSHI-K301 Datasheet
203Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N28 KODENSHI-K4N28 Datasheet
224Kb / 3P
   Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com