전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2903VQPWRQ1 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 LM2903VQPWRQ1
상세설명  Dual Differential Comparators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2903VQPWRQ1 데이터시트(HTML) 5 Page - Texas Instruments

  LM2903VQPWRQ1 Datasheet HTML 1Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 2Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 3Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 4Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 5Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 6Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 7Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 8Page - Texas Instruments LM2903VQPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
0.001
0.010
0.100
1.000
10.000
0.01
0.1
1
10
100
Output Sink Current, Io(mA)
-40C
0C
25C
85C
125C
C005
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
Vcc (V)
-40C
0C
25C
85C
125C
C001
0
10
20
30
40
50
60
70
0
8
16
24
32
40
Vcc (V)
-40C
0C
25C
85C
125C
C002
LM2903-Q1
www.ti.com
SLCS141E – MAY 2003 – REVISED JULY 2014
7.6 Switching Characteristics
VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
RL connected to 5 V through 5.1 kΩ,
100-mV input step with 5-mV overdrive
1.3
Response time
µs
CL = 15 pF
(1) (2)
TTL-level input step
0.3
(1)
CL includes probe and jig capacitance.
(2)
The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.
7.7 Typical Characteristics
Figure 1. Supply Current vs. Supply Voltage
Figure 2. Input Bias Current vs. Supply Voltage
Figure 3. Output Low Voltage vs. Output Current
Copyright © 2003–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2903-Q1


유사한 부품 번호 - LM2903VQPWRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2903VQPWRQ1 TI1-LM2903VQPWRQ1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903VQPWRQ1 TI1-LM2903VQPWRQ1 Datasheet
216Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM2903VQPWRQ1 TI1-LM2903VQPWRQ1 Datasheet
216Kb / 9P
[Old version datasheet]   LM2903-Q1 DUAL DIFFERENTIAL COMPARATORS
LM2903VQPWRQ1 TI1-LM2903VQPWRQ1 Datasheet
428Kb / 18P
[Old version datasheet]   LM2903-Q1 Dual Differential Comparators
LM2903VQPWRQ1 TI1-LM2903VQPWRQ1 Datasheet
1Mb / 23P
[Old version datasheet]   Automotive Dual Differential Comparators
More results

유사한 설명 - LM2903VQPWRQ1

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
[Old version datasheet]   Dual Differential Comparators
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
   Dual Differential Comparators
logo
Texas Instruments
TL393CD TI-TL393CD Datasheet
264Kb / 11P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
LM193 TI-LM193 Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
logo
Wing Shing Computer Com...
LM393 WINGS-LM393 Datasheet
79Kb / 3P
   Dual Differential Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com