전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSE2S-F5311 데이터시트(PDF) 2 Page - SICK AG

부품명 GSE2S-F5311
상세설명  Photoelectric sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

GSE2S-F5311 데이터시트(HTML) 2 Page - SICK AG

  GSE2S-F5311 Datasheet HTML 1Page - SICK AG GSE2S-F5311 Datasheet HTML 2Page - SICK AG GSE2S-F5311 Datasheet HTML 3Page - SICK AG GSE2S-F5311 Datasheet HTML 4Page - SICK AG GSE2S-F5311 Datasheet HTML 5Page - SICK AG GSE2S-F5311 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Photoelectric sensorsAAAAAAAAAAAAA© SICK AG. Subject to change without notice.AAAAAAAAAAAAA2/2/2016 2:44:54 AM
Photoelectric sensors
G2S, Through-beam photoelectric sensor
1) Average service life of 100,000 h at TA = +25 °C
Type
> GSE2S-F5311
Part No.
> 1063072
At a glance
Sensing range up to 2 m
Rugged metal mounting bushes ensure reliable installation and a long service life
PinPoint LED technology is precise and fast-reacting for optimal, quick detection
of a wide range of objects
Clearly visible LED display
Your benefits
Easy alignment thanks to the small, brilliant and highly visible light spot
High throughput and less machine and system downtime, since the sensors are
pre-set and have high operating reserves
Very high sensing ranges with high reserve factors, since the powerful PinPoint
LED detects objects at distances due to a high light intensity
The 45-degree tilted cable entry offers maximum installation flexibility with
additional soft rubber bearings to absorb vibrations and tensile loads
Installation flexibility since several sensors can be installed in close proximity to
one another without causing false trips due to interference
Illustration may differ
Features
Sensor/detection principle:
Through-beam photoelectric sensor
Dimensions (W x H x D):
7.7 mm x 21.8 mm x 13.5 mm
Housing design (light emission):
Rectangular
Sensing range max.:
0 m ... 2 m
Sensing range:
0 m ... 1.5 m
Type of light:
Visible red light
Light source:
PinPoint LED 1)
Wave length:
640 nm
Light spot size (distance):
Ø 23 mm (500 mm)
Mechanics/electronics
Supply voltage:
10 V DC ... 30 V DC 1)
Ripple:
≤ 5 Vpp 2)
Current consumption:
≤ 20 mA 3)
Output type:
PNP
Switching mode:
Dark switching
Output current Imax.:
< 50 mA


유사한 부품 번호 - GSE2S-F5311

제조업체부품명데이터시트상세설명
logo
SICK AG
GSE2S-F1311 SICK-GSE2S-F1311 Datasheet
725Kb / 6P
   Photoelectric sensors
More results

유사한 설명 - GSE2S-F5311

제조업체부품명데이터시트상세설명
logo
SICK AG
WL2S-2P3230 SICK-WL2S-2P3230 Datasheet
749Kb / 6P
   Photoelectric sensors
WTB2S-2N3130 SICK-WTB2S-2N3130 Datasheet
655Kb / 6P
   Photoelectric sensors
WTB2S-2N3251 SICK-WTB2S-2N3251 Datasheet
700Kb / 6P
   Photoelectric sensors
WTB2S-2P1145 SICK-WTB2S-2P1145 Datasheet
695Kb / 6P
   Photoelectric sensors
WTB2S-2P1360 SICK-WTB2S-2P1360 Datasheet
628Kb / 6P
   Photoelectric sensors
WTB2S-2P3275 SICK-WTB2S-2P3275 Datasheet
709Kb / 6P
   Photoelectric sensors
WSE2S-2F3030S01 SICK-WSE2S-2F3030S01 Datasheet
688Kb / 6P
   Photoelectric sensors
WTB2S-2F1330 SICK-WTB2S-2F1330 Datasheet
648Kb / 6P
   Photoelectric sensors
GTB2S-N1331 SICK-GTB2S-N1331 Datasheet
704Kb / 6P
   Photoelectric sensors
WSE2S-2N1330 SICK-WSE2S-2N1330 Datasheet
684Kb / 6P
   Photoelectric sensors
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
   PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com