전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVX08 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74LVX08
상세설명  Low Voltage Quad 2-Input AND Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX08 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74LVX08_14 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX08_14 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX08_14 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX08_14 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX08_14 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX08_14 Datasheet HTML 6Page - Fairchild Semiconductor 74LVX08_14 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVX08 Rev. 1.5.0
1
June 2014
74LVX08
Low Voltage Quad 2-Input AND Gate
Features
• Input Voltage Level Translation from 5 V to 3 V
• Ideal for Low-power / Low-Noise 3.3 V Applications
• Guaranteed Simultaneous Switching Noise Level and
Dynamic threshold Performance
Ordering Information
All packages are lead free per JEDEC: J-STD-020B standard.
Pin Description
Part Number Top Mark
Package
Packing Method
Packing Description
74LVX08M
LVX08
SOIC 14L
Rail
14-Lead Small Outline Integrated Circuit, JEDEC
MS-012, 0.150 inch Narrow
74LVX08MX
LVX08
SOIC 14L
Tape and Reel
14-Lead Small Outline Integrated Circuit, JEDEC
MS-012, 0.150 inch Narrow
74LVX08MTCX
LVX08
TSSOP 14L
Tape and Reel
14-Lead Thin Shrink Small Outline Package,
JEDEC MO-153, 4.4 mm Wide
Connection Diagram
Logic Symbol
Pin Names
Description
An, Bn
Inputs
On
Outputs
IEEE/IEC
Description
The LVX08 contains four 2-input AND gates. The inputs
tolerate voltages up to 7 V allowing the interface of 5 V
systems to 3 V systems.


유사한 부품 번호 - 74LVX08_14

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVX08M FAIRCHILD-74LVX08M Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input AND Gate
logo
STMicroelectronics
74LVX08M STMICROELECTRONICS-74LVX08M Datasheet
163Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LVX08M ONSEMI-74LVX08M Datasheet
239Kb / 8P
   Low Voltage Quad 2-Input AND Gate
June 2014 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVX08MTC FAIRCHILD-74LVX08MTC Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74LVX08MTCX ONSEMI-74LVX08MTCX Datasheet
239Kb / 8P
   Low Voltage Quad 2-Input AND Gate
June 2014 Rev. 1.5.0
More results

유사한 설명 - 74LVX08_14

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVX08 FAIRCHILD-74LVX08_08 Datasheet
307Kb / 8P
   Low Voltage Quad 2-Input AND Gate
74LVQ08 FAIRCHILD-74LVQ08 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74LVX08 ONSEMI-74LVX08 Datasheet
239Kb / 8P
   Low Voltage Quad 2-Input AND Gate
June 2014 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVX08 FAIRCHILD-74LVX08 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input AND Gate
74LVQ08 FAIRCHILD-74LVQ08_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74ALVC08 ONSEMI-74ALVC08 Datasheet
200Kb / 6P
   Low Voltage Quad 2-Input AND Gate
Revised February 2005
74VCX08 ONSEMI-74VCX08 Datasheet
643Kb / 13P
   Low Voltage Quad 2-Input AND Gate
December 2013 Rev. 1.9.1
74VCX86 ONSEMI-74VCX86 Datasheet
665Kb / 11P
   Low Voltage Quad 2-Input AND Gate
Revised December 2013
logo
Motorola, Inc
MC74LCX08 MOTOROLA-MC74LCX08 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
MC74LVQ08 MOTOROLA-MC74LVQ08 Datasheet
178Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com