전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCX71K 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 BCX71K
상세설명  PNP General-Purpose Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCX71K 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  BCX71K Datasheet HTML 1Page - Fairchild Semiconductor BCX71K Datasheet HTML 2Page - Fairchild Semiconductor BCX71K Datasheet HTML 3Page - Fairchild Semiconductor BCX71K Datasheet HTML 4Page - Fairchild Semiconductor BCX71K Datasheet HTML 5Page - Fairchild Semiconductor BCX71K Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
© 1997 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BCX71K Rev. 1.1.0
2
Thermal Characteristics(3)
Values are at TA = 25°C unless otherwise noted.
Note:
3. Device mounted on FR-4 PCB 40 mm X 40 mm X 1.5 mm.
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Max.
Unit
PD
Total Device Dissipation
350
mW
Derate Above TA = 25°C
2.8
mW/°C
RθJA
Thermal Resistance, Junction to Ambient
357
°C/W
Symbol
Parameter
Conditions
Min.
Max.
Unit
V(BR)CEO
Collector-Emitter Breakdown Voltage IC = -1.0 mA, IB = 0
-45
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = -10 μA, IC = 0
-5.0
V
ICES
Collector Cut-Off Current
VCE = -45 V, IE = 0
-20
nA
VCE = -45 V, IE = 0,
TA = 100°C
-20
μA
hFE
DC Current Gain
IC = -10 μA, VCE = -5.0 V
100
IC = -2.0 mA, VCE = -5.0 V
380
630
IC = -50 mA, VCE = -1.0 V
110
VCE(sat)
Collector-Emitter Saturation Voltage
IC = -10 mA, IB = -0.25 mA
-0.06
-0.25
V
IC = -50 mA, IB = -1.25 mA
-0.12
-0.55
VBE(sat)
Base-Emitter Saturation Voltage
IC = -10 mA, IB = -0.25 mA
-0.60
-0.85
V
IC = -50 mA, IB = -1.25 mA
-0.68
-1.05
VBE(on)
Base-Emitter On Voltage
IC = -2.0 mA, VCE = -5.0 V
-0.60
-0.75
V
Cob
Output Capacitance
VCB = -10 V, IE = 0,
f = 1.0 MHz
6.0
pF
NF
Noise Figure
IC = -0.2 mA, VCE = -5.0 V,
RS = 2.0 kΩ, f = 1.0 kHz,
BW = 200 Hz
6.0
dB
ton
Turn-On Time
IC = -10 mA, IB1 = -1.0 mA
150
ns
toff
Turn-Off Time
IB2 = -1.0 mA, VBB = -3.6 V,
R1 = R2 = 5.0 kΩ,
RL = 990 Ω,
800
ns


유사한 부품 번호 - BCX71K

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCX71K PHILIPS-BCX71K Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
logo
Allied Components Inter...
BCX71K ALLIED-BCX71K Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
logo
Samsung semiconductor
BCX71K SAMSUNG-BCX71K Datasheet
31Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Continental Device Indi...
BCX71K CDIL-BCX71K Datasheet
88Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Siemens Semiconductor G...
BCX71K SIEMENS-BCX71K Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

유사한 설명 - BCX71K

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com