전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML-1CL3 데이터시트(PDF) 1 Page - KODENSHI_AUK CORP.

부품명 ML-1CL3
상세설명  Infrared Emitting Diodes(GaAlAs)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

ML-1CL3 데이터시트(HTML) 1 Page - KODENSHI_AUK CORP.

  ML-1CL3 Datasheet HTML 1Page - KODENSHI_AUK CORP. ML-1CL3 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
ML-1CL3
Infrared Emitting Diodes(GaAlAs)
KODENSHI
The ML-1CL3 is a high-power GaAlAs IRED mounted
in a 3øceramic package.
FEATURES
•ø3 ceramic base
•Peak emission wavelength λ
p=865nm
•Wide beam angle ± 53deg.
APPLICATIONS
•Optical switches
•Encoders
•OA
DIMENSIONS
(Unit : mm)
Forward voltage
Reverse current
Peak emission wavelength
Spectral bandwidth
Radiant intensity
*3
Half angle
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
IF=50mA
VR=3V
IF=20mA
IF=20mA
IF=20mA
Item
Typ.
1.4
865
30
±53
VF
IR
λp
Δλ
PO
Δθ
50
1.7
10
V
μ
A
nm
nm
mV
deg.
Symbol
Conditions
Min.
Max.
Unit.
Rating
Symbol
Item
MAXIMUM RATINGS
Reverse voltage
Forward current
Power dissipation
Pulse forward current
*1
Operating temp.
Storage temp.
Soldering temp. *2
VR
IF
PD
IFP
Topr.
Tstg.
Tsol.
3
50
80
0.5
-20~+70
-20~+80
240
V
mA
mW
A
Unit
(Ta=25℃)
*1. pulse width :tw ≦100 μ
sec.period :T=10msec.
*2. For MAX.5 seconds at the position of 2 mm from the package
*3. Measured by tester of KODENSHI CORP.


유사한 부품 번호 - ML-1CL3

제조업체부품명데이터시트상세설명
logo
Aries Electronics, Inc.
ML-100 ARIES-ML-100 Datasheet
174Kb / 1P
   Mini-Link??Miniature Jumpers
ML-100 ARIES-ML-100 Datasheet
294Kb / 1P
   Mini-Link??Miniature Jumpers
ML-100S ARIES-ML-100S Datasheet
174Kb / 1P
   Mini-Link??Miniature Jumpers
ML-100S ARIES-ML-100S Datasheet
294Kb / 1P
   Mini-Link??Miniature Jumpers
logo
Molex Electronics Ltd.
ML-1210 MOLEX4-ML-1210 Datasheet
110Kb / 2P
   Multi-Lock Connector for 10-12 AWG Wire
More results

유사한 설명 - ML-1CL3

제조업체부품명데이터시트상세설명
logo
PerkinElmer Optoelectro...
VTE1261 PERKINELMER-VTE1261 Datasheet
40Kb / 2P
   GaAlAs Infrared Emitting Diodes
logo
KODENSHI_AUK CORP.
CL-205 KODENSHI-CL-205 Datasheet
182Kb / 2P
   Infrared Emitting Diodes(GaAlAs)
logo
PerkinElmer Optoelectro...
VTE3373LA PERKINELMER-VTE3373LA Datasheet
29Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1281F PERKINELMER-VTE1281F Datasheet
24Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1281W-1 PERKINELMER-VTE1281W-1 Datasheet
32Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1285 PERKINELMER-VTE1285 Datasheet
27Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE1291W-1 PERKINELMER-VTE1291W-1 Datasheet
33Kb / 1P
   GaAlAs Infrared Emitting Diodes
VTE7172 PERKINELMER-VTE7172 Datasheet
32Kb / 1P
   GaAlAs Infrared Emitting Diodes
logo
Hitachi Semiconductor
HE8807SG HITACHI-HE8807SG Datasheet
25Kb / 5P
   GaAlAs Infrared Emitting Diodes
logo
KODENSHI_AUK CORP.
CL-1KL3 KODENSHI-CL-1KL3 Datasheet
201Kb / 2P
   Infrared Emitting Diodes(GaAlAs)
CL-203 KODENSHI-CL-203 Datasheet
200Kb / 2P
   Infrared Emitting Diodes(GaAlAs)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com