전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM185H-1.2-SMD 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 LM185H-1.2-SMD
상세설명  Micropower Voltage Reference Diode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM185H-1.2-SMD 데이터시트(HTML) 3 Page - Texas Instruments

  LM185H-1.2-SMD Datasheet HTML 1Page - Texas Instruments LM185H-1.2-SMD Datasheet HTML 2Page - Texas Instruments LM185H-1.2-SMD Datasheet HTML 3Page - Texas Instruments LM185H-1.2-SMD Datasheet HTML 4Page - Texas Instruments LM185H-1.2-SMD Datasheet HTML 5Page - Texas Instruments LM185H-1.2-SMD Datasheet HTML 6Page - Texas Instruments LM185H-1.2-SMD Datasheet HTML 7Page - Texas Instruments LM185H-1.2-SMD Datasheet HTML 8Page - Texas Instruments LM185H-1.2-SMD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
LM185-1.2QML
www.ti.com
SNVS384B – OCTOBER 2005 – REVISED JANUARY 2014
Absolute Maximum Ratings
(1)
Reverse Current
30mA
Forward Current
10mA
Operating Temperature Range
−55°C ≤ TA ≤ +125°C
Maximum Junction Temperature (TJmax)
(2)
+150°C
Storage Temperature
−55°C ≤ TA ≤ +150°C
Lead Temperature (Soldering 10
CLGA
260°C
Seconds)
TO package
300°C
20LD LCCC package
300°C
Thermal Resistance
θJA
TO (Still Air)
300°C/W
TO (500LF / Min Air Flow)
139°C/W
20LD LCCC (Still Air)
100°C/W
20LD LCCC (500LF / Min Air
73°C/W
Flow)
CLGA (Still Air)
194°C/W
CLGA (500LF / Min Air Flow)
128°C/W
θJC
TO
57°C/W
20LD LCCC
25°C/W
CLGA
23°C/W
Package Weight (Typical)
TO
TBD
20LD LCCC
TBD
CLGA
210mg
ESD Tolerance(3)
4KV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional. For specifications and test conditions, see the Electrical Characteristics. The specifications apply only for
the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test
conditions.
(2)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJmax (maximum junction temperature),
θJA (package junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDmax = (TJmax - TA)/θJA or the number given in the Absolute Maximum Ratings, whichever is lower.
(3)
Human body model, 1.5K
Ω in series with 100pF.
Quality Conformance Inspection
Table 1. Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp °C
1
Static tests at
25
2
Static tests at
125
3
Static tests at
-55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
-55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
-55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
-55
12
Settling time at
25
13
Settling time at
125
14
Settling time at
-55
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM185-1.2QML


유사한 부품 번호 - LM185H-1.2-SMD

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM185H-1.2-SMD TI1-LM185H-1.2-SMD Datasheet
726Kb / 13P
[Old version datasheet]   LM185-1.2QML Micropower Voltage Reference Diode
LM185H-1.2-SMD TI1-LM185H-1.2-SMD Datasheet
538Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
More results

유사한 설명 - LM185H-1.2-SMD

제조업체부품명데이터시트상세설명
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com