전자부품 데이터시트 검색엔진 |
|
54ACT258L 데이터시트(PDF) 6 Page - National Semiconductor (TI) |
|
|
54ACT258L 데이터시트(HTML) 6 Page - National Semiconductor (TI) |
6 / 8 page AC Electrical Characteristics 54AC V CC T A = −55˚C Fig. Symbol Parameter (V) to +125˚C Units No. (Note 8) C L = 50 pF Min Max t PLH Propagation Delay 3.3 1.0 12.0 ns I n to Zn 5.0 1.0 9.5 t PHL Propagation Delay 3.3 1.0 10.5 ns I n to Zn 5.0 1.0 7.5 t PLH Propagation Delay 3.3 1.0 15.0 ns StoZ n 5.0 1.0 11.5 t PHL Propagation Delay 3.3 1.0 14.0 ns StoZ n 5.0 1.0 10.5 t PZH Output Enable Time 3.3 1.0 11.5 ns 5.0 1.0 9.0 t PZL Output Enable Time 3.3 1.0 10.5 ns 5.0 1.0 8.5 t PHZ Output Disable Time 3.3 1.0 11.5 ns 5.0 1.0 9.5 t PLZ Output Disable Time 3.3 1.0 10.5 ns 5.0 1.0 8.5 Note 8: Voltage Range 3.3 is 3.3V ±0.3V Voltage Range 5.0 is 5.0V ±0.5V AC Electrical Characteristics 54ACT V CC T A = −55˚C Fig. Symbol Parameter (V) to +125˚C Units No. (Note 9) C L = 50 pF Min Max t PLH Propagation Delay 5.0 1.0 10.5 ns I n to Zn t PHL Propagation Delay 5.0 1.0 9.0 ns I n to Zn t PLH Propagation Delay 5.0 1.0 13.0 ns StoZ n t PHL Propagation Delay 5.0 1.0 12.0 ns StoZ n t PZH Output Enable Time 5.0 1.0 10.5 ns t PZL Output Enable Time 5.0 1.0 10.0 ns t PHZ Output Disable Time 5.0 1.0 10.5 ns t PLZ Output Disable Time 5.0 1.0 10.0 ns Note 9: Voltage Range 5.0 is 5.0V ±0.5V Capacitance Symbol Parameter Typ Units Conditions C IN Input Capacitance 4.5 pF V CC = OPEN C PD Power Dissipation 55.0 pF V CC = 5.0V Capacitance www.national.com 6 |
유사한 부품 번호 - 54ACT258L |
|
유사한 설명 - 54ACT258L |