전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMABNEO 데이터시트(PDF) 1 Page - Schurter Inc.

부품명 FMABNEO
상세설명  AC Filter, High Symmetrical Attenuation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMABNEO 데이터시트(HTML) 1 Page - Schurter Inc.

  FMABNEO Datasheet HTML 1Page - Schurter Inc. FMABNEO Datasheet HTML 2Page - Schurter Inc. FMABNEO Datasheet HTML 3Page - Schurter Inc. FMABNEO Datasheet HTML 4Page - Schurter Inc. FMABNEO Datasheet HTML 5Page - Schurter Inc. FMABNEO Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
1-Phase AC Filters / DC Filters
FMAB NEO
www.schurter.com/PG84
EMC Products
AC Filter, High Symmetrical Attenuation
Description
- Chassis:
Screw-on mounting, from top
- Line-filter in standard version, 1-stage, high attenuation
- High symmetrical attenuation in the frequency range from 10kHz up to
30MHz
Unique Selling Proposition
- Excellent symmetrical attenuation
- Compact and cost optimized
- Completely closed steel housing
- Optional wire leads
Approvals
- VDE Certificate Number: 40041643
- UL File Number: E72928
Characteristics
- Compact filter with high symmetrical attenuation
- Designed for universal industrial applications
- Especially designed forapplications with symmetrical noise caused by
switching semiconductors
- Suitable for use in equipment according to IEC/UL 60950
Suitable for use in medical equipment according to IEC/UL 60601-1
Other versions on request
- Version with wire connection
- Medical version M80
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Approvals,
CE declaration of conformity, RoHS, CHINA-RoHS, REACH, e-Shop,
SCHURTER-Stock-Check, Distributor-Stock-Check, Detailed request for
product
Technical Data
Ratings IEC
1 - 30 A @ Ta 40 °C / 250 VAC; 50 Hz
Ratings UL/CSA
1 - 30 A @ Ta 40 °C / 125/250 VAC;
60 Hz
Leakage Current
industrial < 1 mA (250 V / 60 Hz)
Dielectric Strength
> 1.7 kVDC between L-N
> 2.7 kVDC between L/N-PE
Test voltage (2 sec)
Allowable Operation Temp.
-25 °C to 100 °C
Climatic Category
25/100/21 acc. to IEC 60068-1
Protection Class
Suitable for appliances with protection
class I acc. to IEC 61140
Terminal
Quick connect terminal 6.3 x 0.8 mm
Bolt and nut M4
Material: Housing
Metal
Line Filter
Standard, medical and industrial ver-
sion, IEC 60939, UL 1283, CSA C22.2
no. 8
Technical Details
MTBF
> 200'000 h acc. to MIL-HB-217 F


유사한 부품 번호 - FMABNEO

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
FMABNEO SCHURTER-FMABNEO Datasheet
1Mb / 13P
   AC Filter, High Symmetrical Attenuation
FMABNEO SCHURTER-FMABNEO Datasheet
1Mb / 13P
   AC Filter, High Symmetrical Attenuation
23.11.2021
FMABNEO SCHURTER-FMABNEO_V01 Datasheet
1Mb / 13P
   AC Filter, High Symmetrical Attenuation
FMABNEO SCHURTER-FMABNEO_V02 Datasheet
1Mb / 13P
   AC Filter, High Symmetrical Attenuation
23.11.2021
More results

유사한 설명 - FMABNEO

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
FMABNEO SCHURTER-FMABNEO_V02 Datasheet
1Mb / 13P
   AC Filter, High Symmetrical Attenuation
23.11.2021
FMABNEO SCHURTER-FMABNEO_V01 Datasheet
1Mb / 13P
   AC Filter, High Symmetrical Attenuation
FMABHV SCHURTER-FMABHV Datasheet
668Kb / 6P
   AC / DC Filter, High Symmetrical Attenuation
FSS SCHURTER-FSS Datasheet
532Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical Attenuation
FSW SCHURTER-FSW Datasheet
587Kb / 3P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FSW SCHURTER-FSW_V01 Datasheet
495Kb / 5P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FSW SCHURTER-FSW_17 Datasheet
396Kb / 4P
   AC Filter 2-Stage, Very High Symmetrical and Asymmetrical Attenuation
FMAB SCHURTER-FMAB_V01 Datasheet
373Kb / 3P
   AC Filter, Broad Band Attenuation
FMAB SCHURTER-FMAB Datasheet
410Kb / 2P
   AC Filter, Broad Band Attenuation
FSS SCHURTER-FSS_V01 Datasheet
444Kb / 4P
   AC Filter 2-Stage, Very High Symmetrical Attenuationl
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com