전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GSP4.0207.10 데이터시트(PDF) 4 Page - Schurter Inc.

부품명 GSP4.0207.10
상세설명  IEC Appliance Inlet C20 or C24, Split panel or screw-on mounting, PCB Terminal
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

GSP4.0207.10 데이터시트(HTML) 4 Page - Schurter Inc.

  GSP4.0207.10 Datasheet HTML 1Page - Schurter Inc. GSP4.0207.10 Datasheet HTML 2Page - Schurter Inc. GSP4.0207.10 Datasheet HTML 3Page - Schurter Inc. GSP4.0207.10 Datasheet HTML 4Page - Schurter Inc. GSP4.0207.10 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Connectors (Inlets/Outlets)
GSP4
www.schurter.com/PG07
Connectors
All Variants
Protection
Class
Panel mounting
Panel Thick-
ness s [mm]
PCB mounting
Additional ground terminal
Cover
Order Number
Terminal
Terminal direction
I
Sandwich
1.0
Screw
solder terminal
90° to connector axis
none
GSP4.010C.11
I
Sandwich
1.5
Screw
Quick connect terminal 6.3 x 0.8 mm
in connector axis
none
GSP4.0107.13
I
Sandwich
1.5
Screw
solder terminal
90° to connector axis
none
GSP4.010C.13
I
Sandwich
1.5
Snap-in
Quick connect terminal 6.3 x 0.8 mm
in connector axis
none
GSP4.0207.13
I
Sandwich
3.0
Snap-in
Quick connect terminal 6.3 x 0.8 mm
in connector axis
none
GSP4.0207.16
I
Sandwich
3.0
Snap-in
Quick connect terminal 6.3 x 0.8 mm
in connector axis
mounted
GSP4.0217.16
I
Screw
-
Screw
Quick connect terminal 6.3 x 0.8 mm
in connector axis
none
GSP4.0107.10
I
Screw
-
Snap-in
Quick connect terminal 6.3 x 0.8 mm
90° to connector axis
none
GSP4.0205.10
I
Screw
-
Snap-in
Quick connect terminal 6.3 x 0.8 mm
in connector axis
none
GSP4.0207.10
I
Screw
-
Snap-in
Quick connect terminal 6.3 x 0.8 mm
in connector axis
mounted
GSP4.0217.10
II
Sandwich
1.5
Snap-in
-
-
mounted
GSP4.0210.13
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
With screw mounting on PCB, 2 screws are included
Packaging unit
50 Pcs
Mating Outlets/Connectors
Category / Description
Appliance Outlet Overview complete
IEC Appliance Outlet J, Screw-on Mounting, Front Side, Quick-connect Terminal
5017
Appliance Outlet further types to GSP4
Connector Overview complete
IEC Connector C19, Rewireable, Straight
4795
IEC Connector C19, Rewireable, Angled
4790
Connector further types to GSP4
Power Supply Cord Overview complete
Cord Sets 16 A, Europlug, 2.5 m, Connector IEC C19, cord end:
6004.0395
Power Supply Cord further types to GSP4


유사한 부품 번호 - GSP4.0207.10

제조업체부품명데이터시트상세설명
logo
TDK Electronics
GSP40-250-3P208 TDK-GSP40-250-3P208 Datasheet
129Kb / 2P
   Programmable Power Supplies
GSP40-250-3P400 TDK-GSP40-250-3P400 Datasheet
129Kb / 2P
   Programmable Power Supplies
GSP40-250-3P480 TDK-GSP40-250-3P480 Datasheet
129Kb / 2P
   Programmable Power Supplies
GSP40-375-3P208 TDK-GSP40-375-3P208 Datasheet
160Kb / 2P
   Programmable Power Supplies
GSP40-375-3P400 TDK-GSP40-375-3P400 Datasheet
160Kb / 2P
   Programmable Power Supplies
More results

유사한 설명 - GSP4.0207.10

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
1621 SCHURTER-1621 Datasheet
353Kb / 2P
   IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder or Quick-connect or Screw-on Terminal
1601 SCHURTER-1601_21 Datasheet
330Kb / 4P
   IEC Appliance Inlet C20, Screw-on Mounting, Rear Side, PCB Terminal
1601_1809 SCHURTER-1601_1809 Datasheet
331Kb / 4P
   IEC Appliance Inlet C20, Screw-on Mounting, Rear Side, PCB Terminal
1601 SCHURTER-1601_18 Datasheet
321Kb / 4P
   IEC Appliance Inlet C20, Screw-on Mounting, Rear Side, PCB Terminal
1601 SCHURTER-1601_V01 Datasheet
331Kb / 4P
   IEC Appliance Inlet C20, Screw-on Mounting, Rear Side, PCB Terminal
05.01.2022
1601 SCHURTER-1601 Datasheet
367Kb / 3P
   IEC Appliance Inlet C20, Screw-on Mounting, Rear Side, PCB Terminal
1621 SCHURTER-1621_V01 Datasheet
352Kb / 4P
   IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder, Quick-connect or Screw Terminal
05.01.2022
1621 SCHURTER-1621_18 Datasheet
318Kb / 4P
   IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder, Quick-connect or Screw Terminal
1621 SCHURTER-1621_21 Datasheet
351Kb / 4P
   IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder, Quick-connect or Screw Terminal
1621_1809 SCHURTER-1621_1809 Datasheet
328Kb / 4P
   IEC Appliance Inlet C20, Screw-on Mounting, Front Side, Solder, Quick-connect or Screw Terminal
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com